Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX154BEWG Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX154BEWG
Description  CMOS High-Speed 8-Bit ADCs with Multiplexer and Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX154BEWG Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX154BEWG Datasheet HTML 4Page - Maxim Integrated Products MAX154BEWG Datasheet HTML 5Page - Maxim Integrated Products MAX154BEWG Datasheet HTML 6Page - Maxim Integrated Products MAX154BEWG Datasheet HTML 7Page - Maxim Integrated Products MAX154BEWG Datasheet HTML 8Page - Maxim Integrated Products MAX154BEWG Datasheet HTML 9Page - Maxim Integrated Products MAX154BEWG Datasheet HTML 10Page - Maxim Integrated Products MAX154BEWG Datasheet HTML 11Page - Maxim Integrated Products MAX154BEWG Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Bipolar Input Operation
The circuit in Figure 10a can be used for bipolar input
operation. The input voltage is scaled by an amplifier
so that only positive voltages appear at the ADC’s
inputs. The analog input range is ±4V and the output
code is complementary offset binary. The ideal
input/output characteristic is shown in Figure 10b.
CMOS High-Speed 8-Bit ADCs with
Multiplexer and Reference
10
______________________________________________________________________________________
1pF
CS
12pF
CS
2pF
1pF
15 LSB COMPARATORS
TO LS
LADDER
RON
1pF
1pF
16 MSB COMPARATORS
TO MS
LADDER
RON
RMUX
RS
VIN
AIN1
11111111
11111110
10000010
10000001
01111111
01111110
10000000
00000001
00000000
00000010
0V
AIN INPUT VOLTAGE (LSBs)
FS = 8V
1LSB = FS / 256
11111101
+FS
2
-FS + 1LSB
2
MAX154
MAX158
RD
RDY
*A2 ON MAX158.
CS
A1
A2*
A0
5V
DATA BUS
A15
A0
ZBO
MREQ
WAIT
RD
DB0-DB7
D0-D7
ADDRESS
DECODE
EN
5k
ADDRESS BUS
RS
VIN
AIN1
CS1
2pF
CS2
2pF
32pF
B MUX
600
RON
350
MAX154
MAX158
AIN1
ONLY CHANNEL 1 SHOWN
VREF+
REFOUT
VDD
VREF-
GND
11.5
3.57k
10.0k
0.01
µF
0.01
µF
0.1
µF47µF
16.2k
VIN
+5V
CS
RDY
INT
DB0-DB7
RD
Figure 9a. Equivalent Input Circuit
Figure 10b. Transfer Function for ±4V Input Operation
Figure 11. Simple Mode 0 Interface
Figure 9b. RC Network Model
Figure 10a. Bipolar ±4V Input Operation


Similar Part No. - MAX154BEWG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1540 MAXIM-MAX1540 Datasheet
834Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 2; 1/05
MAX1540A MAXIM-MAX1540A Datasheet
774Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1540AETJ MAXIM-MAX1540AETJ Datasheet
774Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1540AETJ MAXIM-MAX1540AETJ Datasheet
780Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1540ETJ MAXIM-MAX1540ETJ Datasheet
834Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 2; 1/05
More results

Similar Description - MAX154BEWG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7824 MAXIM-MX7824 Datasheet
106Kb / 12P
   CMOS, High-Speed, 8-Bit ADCs with Multiplexer
logo
Linear Technology
LTC2446 LINER-LTC2446_15 Datasheet
317Kb / 28P
   24-Bit High Speed 8-Channel ADCs with Selectable Multiple Reference Inputs
LTC2447 LINER-LTC2447_15 Datasheet
317Kb / 28P
   24-Bit High Speed 8-Channel ADCs with Selectable Multiple Reference Inputs
logo
Wolfson Microelectronic...
WM0834 WOLFSON-WM0834 Datasheet
684Kb / 16P
   8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
logo
Linear Technology
LTC2446 LINER-LTC2446 Datasheet
311Kb / 28P
   24-Bit High Speed 8-Channel ?誇 ADCs with Selectable Multiple Reference Inputs
logo
Maxim Integrated Produc...
MAX11638 MAXIM-MAX11638 Datasheet
1Mb / 22P
   8-Bit, 16-/8-Channel, 300ksps ADCs with FIFO and Internal Reference
19-6035; Rev 0; 9/11
logo
Analog Devices
AD7824KNZ AD-AD7824KNZ Datasheet
215Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828KNZ AD-AD7828KNZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828KPZ AD-AD7828KPZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KR-REEL AD-AD7824KR-REEL Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com