Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1554 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1554
Description  High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1554 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1554 Datasheet HTML 3Page - Maxim Integrated Products MAX1554 Datasheet HTML 4Page - Maxim Integrated Products MAX1554 Datasheet HTML 5Page - Maxim Integrated Products MAX1554 Datasheet HTML 6Page - Maxim Integrated Products MAX1554 Datasheet HTML 7Page - Maxim Integrated Products MAX1554 Datasheet HTML 8Page - Maxim Integrated Products MAX1554 Datasheet HTML 9Page - Maxim Integrated Products MAX1554 Datasheet HTML 10Page - Maxim Integrated Products MAX1554 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
High-Efficiency, 40V Step-Up
Converters for 2 to 10 White LEDs
_______________________________________________________________________________________
9
Ensure the diode’s average and peak current ratings
exceed the average output current and peak inductor
current. In addition, the diode’s reverse breakdown
voltage must exceed VOUT.
Applications Information
Low Input-Voltage Applications
The MAX1553/MAX1554 have minimum input voltages
of 2.7V (MAX1553) and 3.15V (MAX1554). However,
lower battery voltages can still be boosted for LED
drive as long as VCC remains within the operating
range. Since most systems have a 3.3V system supply
active when the display is active and backlit, that logic
supply can be used to supply VCC, while the battery
power connects directly to the boost inductor. No bat-
tery current is drawn when EN is low (Figure 4).
PC Board Layout
Due to fast-switching waveforms and high-current
paths, careful PC board layout is required. An evalua-
tion kit (MAX1553EVKIT) is available as an example of
a proper layout.
When laying out a board, minimize trace lengths
between the IC and the inductor, diode, input capaci-
tor, output capacitor, and R1. Keep traces short, direct,
and wide. Keep noisy traces, such as the LX node
trace, away from FB. Place the VCC bypass capacitor
(C1) as close to the IC as possible. The ground con-
nections of C1 and C2 should be as close together as
possible. Star connect the grounds for R1, R3, C3, and
the BRT voltage supply as close to the IC as possible.
The traces from VCC to C1, from C2 to the LEDs, and
from the LEDs to R1 can be longer if required.
Chip Information
TRANSISTOR COUNT: 740
PROCESS: BiCMOS
SUPPLIER
PHONE
WEBSITE
Central
Semiconductor
631-435-1110
www.centralsemi.com
Kamaya
260-489-1533
www.kamaya.com
Murata
814-237-1431
www.murata.com
Nichia
248-352-6575
www.nichia.com
Panasonic
714-373-7939
www.panasonic.com
Sumida
847-956-0666
www.sumida.com
Taiyo Yuden
408-573-4150
www.t-yuden.com
TDK
847-803-6100
www.component.tdk.com
TOKO
847-297-0070
www.toko.com
Table 1. Component Suppliers
Figure 4. The MAX1553/MAX1554 can drive LEDs from battery
voltages that are lower than the device operating voltage
range by powering VCC from a logic supply and connecting
the boost inductor to the battery.
LX
SS
VCC
FB
ON
OFF
BRT
GND
BATTERY
INPUT
C1
4.7
µF
C3
0.1
µF
C2
0.47
µF
OV
EN
WHITE
LEDs
C4
0.1
µF
3.3V
LOGIC
MAX1553
MAX1554
L1
D1
R2
R3
R1


Similar Part No. - MAX1554

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1554ETA MAXIM-MAX1554ETA Datasheet
225Kb / 10P
   High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
Rev 2; 5/15
More results

Similar Description - MAX1554

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1553 MAXIM-MAX1553_15 Datasheet
225Kb / 10P
   High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
Rev 2; 5/15
logo
AMETHERM Circuit Protec...
AME5144 AMETHERM-AME5144 Datasheet
137Kb / 15P
   High Efficiency, 37V Step-Up Converter for 2 to 10 White LEDs
logo
Anpec Electronics Corop...
APW7209 ANPEC-APW7209 Datasheet
377Kb / 14P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 10 White LEDs
APW7209 ANPEC-APW7209_13 Datasheet
375Kb / 17P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 10 White LEDs
logo
Advanced Analogic Techn...
AAT1239-1_0810 ANALOGICTECH-AAT1239-1_0810 Datasheet
1Mb / 23P
   40V Step-Up Converter for 4 to 10 White LEDs
AAT1239-1 ANALOGICTECH-AAT1239-1 Datasheet
909Kb / 21P
   40V Step-Up Converter for 4 to 10 White LEDs
AAT1239-1 ANALOGICTECH-AAT1239-1_08 Datasheet
1Mb / 23P
   40V Step-Up Converter for 4 to 10 White LEDs
logo
Maxim Integrated Produc...
MAX1561 MAXIM-MAX1561 Datasheet
245Kb / 10P
   High-Efficiency, 26V Step-Up Converters for Two to Six White LEDs
19-2731; Rev 1; 10/03
logo
Anpec Electronics Corop...
APW7208 ANPEC-APW7208 Datasheet
341Kb / 16P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
APW7136A ANPEC-APW7136A Datasheet
423Kb / 15P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com