Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1562 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX1562
Description  Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1562 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1562 Datasheet HTML 1Page - Maxim Integrated Products MAX1562 Datasheet HTML 2Page - Maxim Integrated Products MAX1562 Datasheet HTML 3Page - Maxim Integrated Products MAX1562 Datasheet HTML 4Page - Maxim Integrated Products MAX1562 Datasheet HTML 5Page - Maxim Integrated Products MAX1562 Datasheet HTML 6Page - Maxim Integrated Products MAX1562 Datasheet HTML 7Page - Maxim Integrated Products MAX1562 Datasheet HTML 8Page - Maxim Integrated Products MAX1562 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Programmable 4A USB Current-Limited
Switches with Autoreset and Fault Blanking
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +5V, CIN = 1µF, COUT = 4.7µF, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Fall Time
tFALL
ROUT = 2
Ω, COUT = 4.7µF
(from 90% to10% of VOUT)
0.8
ms
Thermal-Shutdown Threshold
15°C hysteresis
+160
°C
ON, ON, SEL Input High Level
VIH
VIN = +4V to +5.5V
2
V
ON, ON, SEL Input Low Level
VIL
VIN = +4V to +5.5V
0.8
V
ON, ON, SEL Input
Leakage Current
-1
+1
µA
FAULT Output Low Voltage
VOL
ISINK = 1mA, VIN = +4V
0.4
V
FAULT Output
High Leakage Current
VIN = V FAULT = +5.5V
1
µA
OUT Autoreset Current
In latched-off state, VOUT = 0
10
25
45
mA
OUT Autoreset Threshold
In latched-off state, OUT rising
0.35
0.5
0.65
V
OUT Autoreset Blanking Time
In latched-off state, VOUT > 0.5V
10
20
35
ms
ELECTRICAL CHARACTERISTICS
(VIN = +5V, CIN = 1µF, COUT = 4.7µF, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VIN
4.0
5.5
V
Switch On-Resistance
RON
50
m
Standby Supply Current
Switch disabled
10
µA
Quiescent Supply Current
IIN
Switch enabled, IOUT = 0
80
µA
OUT Off-Leakage Current
ILKG
Switch disabled, VOUT = 0
10
µA
UVLO Threshold
VUVLO
Rising edge, 3% hysteresis
2.9
3.8
V
MAX1563
1
4
Continuous Current-Limit Adjust
Range
MAX1562/MAX1562H
1
3
A
RISET = 4.22k
Ω (MAX1563 only)
3.1
4.9
RISET = 5.76k
2.3
3.7
RISET = 8k
1.6
2.7
Continuous Current Limit
ILIM
VIN - VOUT
= 0.5V
RISET = 12k
1.0
1.8
A
RISET = 5.76k
2.4
4.8
Short-Circuit Current Limit
ILIM
VOUT = 0,
IOUT pulsing RISET = 12k
1.1
2.4
A(peak)
Continuous Current-Limit
Blanking Timeout Period
From continuous current-limit condition to
FAULT asserted
10
35
ms
Short-Circuit Blanking Timeout
Period
From short-circuit current-limit condition to
FAULT asserted
7.5
35
ms


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn