Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1561ETA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1561ETA
Description  High-Efficiency, 26V Step-Up Converters for Two to Six White LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1561ETA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1561ETA Datasheet HTML 2Page - Maxim Integrated Products MAX1561ETA Datasheet HTML 3Page - Maxim Integrated Products MAX1561ETA Datasheet HTML 4Page - Maxim Integrated Products MAX1561ETA Datasheet HTML 5Page - Maxim Integrated Products MAX1561ETA Datasheet HTML 6Page - Maxim Integrated Products MAX1561ETA Datasheet HTML 7Page - Maxim Integrated Products MAX1561ETA Datasheet HTML 8Page - Maxim Integrated Products MAX1561ETA Datasheet HTML 9Page - Maxim Integrated Products MAX1561ETA Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
High-Efficiency, 26V Step-Up Converters
for Two to Six White LEDs
6
_______________________________________________________________________________________
Detailed Description
The MAX1561/MAX1599s’ high efficiency and small size
make them ideally suited to drive up to six series-con-
nected LEDs. The device operates as a boost DC-DC
converter that regulates output current rather than volt-
age. The MAX1561/MAX1599 provide even illumination
by sourcing the same output current through each LED,
eliminating the need for expensive factory calibration.
The fast 1MHz (500kHz for the MAX1599) internal oscil-
lator allows for a small inductor and small input and out-
put capacitors while minimizing input and output ripple.
The single analog control input allows easy adjustment
of LED brightness and on/off control. This allows either
simple logic-level on/off control, analog voltage control,
or PWM duty-cycle control of both brightness and shut-
down. In shutdown, supply current is reduced to a low
0.3µA. A soft-start gradually illuminates the LEDs, elimi-
nating the inrush current during startup.
Soft-Start
The MAX1561/MAX1599 attain soft-start by charging
CCOMP gradually with a current source. When VCOMP
rises above 1.25V, the internal MOSFET begins switch-
ing at a reduced duty cycle. When VCOMP rises above
2.25V, the duty cycle is at its maximum. See the Typical
Operating Characteristics for an example of soft-start
operation.
Shutdown
The MAX1561/MAX1599 enter shutdown when VCTRL is
less than 100mV for more than 8.2ms (16.4ms for the
MAX1599). In shutdown, supply current is reduced to
0.3µA by powering down the entire IC except for the
CTRL voltage-detection circuitry. CCOMP is discharged
during shutdown, allowing the device to reinitiate soft-
start when it is enabled. Although the internal N-chan-
nel MOSFET does not switch in shutdown, there is still
a DC current path between the input and the LEDs
through the inductor and Schottky diode. The minimum
forward voltage of the LED array must exceed the max-
imum input voltage to ensure that the LEDs remain off
in shutdown. However, with two or more LEDs, the for-
ward voltage is large enough to keep leakage current
low, less than 1µA (typ). Typical shutdown timing char-
acteristics are shown in the Typical Operating
Characteristics.
Overvoltage Protection
Overvoltage lockout (OVLO) occurs when VOUT is
above 27V. The protection circuitry stops the internal
MOSFET from switching and causes VCOMP to decay
to 0V. The device comes out of OVLO and into soft-
start when VOUT falls below 25V.
PIN
NAME
FUNCTION
1
OUT
Overvoltage Sense. When VOUT is greater than 27V, the internal N-channel MOSFET turns off until VOUT
drops below 25V, then the IC reenters soft-start. Connect a 0.1µF capacitor from OUT to PGND.
2
IN
Input Voltage Supply. Input voltage range is 2.6V to 5.5V. Connect a 2.2µF capacitor from IN to PGND.
3
CTRL
Brightness Control Input. LED brightness is controlled by the voltage applied to CTRL. Varying the voltage
from 0.24V to 1.62V adjusts the brightness from dim to bright, respectively. Any voltage above 1.62V does
not increase brightness. If CTRL is held below 100mV for more than 8.2ms (16.4ms for the MAX1599), the
IC shuts down.
4CS
Current-Sense Feedback Input. Connect a resistor from CS to GND to set the LED bias current. The
voltage at CS regulates to VCTRL / 10 or 0.162V, whichever is lower.
5
COMP
Compensation Input. Connect a 0.1µF capacitor (CCOMP) from COMP to GND. CCOMP stabilizes the
converter and controls soft-start. CCOMP discharges to GND when in shutdown.
6
GND
Ground. Connect to PGND and the exposed pad directly under the IC.
7
PGND
Power Ground. Connect to GND and the exposed pad directly under the IC.
8
LX
Inductor Connection. This pin is high impedance during shutdown.
Exposed
Pad
EP
Ground. Connect directly to GND and PGND under the IC.
Pin Description


Similar Part No. - MAX1561ETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX156 MAXIM-MAX156 Datasheet
624Kb / 20P
   8-/4-Channel ADCs with Simultaneous T/Hs and Reference
19-2949; Rev 1; 6/94
MAX1562 MAXIM-MAX1562 Datasheet
436Kb / 12P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
MAX1562 MAXIM-MAX1562 Datasheet
362Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 1; 7/09
MAX1562 MAXIM-MAX1562 Datasheet
545Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 2; 2/10
MAX1562-MAX1563 MAXIM-MAX1562-MAX1563 Datasheet
436Kb / 12P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
More results

Similar Description - MAX1561ETA

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2561 EUTECH-EUP2561 Datasheet
453Kb / 9P
   26V Step-Up Converters for Two to Six White LEDs
EUP2595 EUTECH-EUP2595 Datasheet
411Kb / 10P
   32V Step-Up Converters for Two to Nine White LEDs
logo
Will Semiconductor Ltd.
WD3131E WILLSEMI-WD3131E Datasheet
394Kb / 14P
   High Efficiency, 26V Step-Up White LED Driver
logo
Maxim Integrated Produc...
MAX1553 MAXIM-MAX1553 Datasheet
347Kb / 11P
   High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
19-2875; Rev 0; 6/03
MAX1553 MAXIM-MAX1553_15 Datasheet
225Kb / 10P
   High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
Rev 2; 5/15
logo
Anpec Electronics Corop...
APW7207 ANPEC-APW7207_12 Datasheet
392Kb / 18P
   1MHz, High-Efficiency, Step-Up Converter for White LEDs
logo
Maxim Integrated Produc...
MAX1582 MAXIM-MAX1582 Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
logo
Anpec Electronics Corop...
APW7208 ANPEC-APW7208 Datasheet
341Kb / 16P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
APW7136A ANPEC-APW7136A Datasheet
423Kb / 15P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
logo
AMETHERM Circuit Protec...
AME5144 AMETHERM-AME5144 Datasheet
137Kb / 15P
   High Efficiency, 37V Step-Up Converter for 2 to 10 White LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com