Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1561 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1561
Description  High-Efficiency, 26V Step-Up Converters for Two to Six White LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1561 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1561 Datasheet HTML 2Page - Maxim Integrated Products MAX1561 Datasheet HTML 3Page - Maxim Integrated Products MAX1561 Datasheet HTML 4Page - Maxim Integrated Products MAX1561 Datasheet HTML 5Page - Maxim Integrated Products MAX1561 Datasheet HTML 6Page - Maxim Integrated Products MAX1561 Datasheet HTML 7Page - Maxim Integrated Products MAX1561 Datasheet HTML 8Page - Maxim Integrated Products MAX1561 Datasheet HTML 9Page - Maxim Integrated Products MAX1561 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
input and output ripple, but at the expense of size and
higher cost. CCOMP stabilizes the converter and con-
trols soft-start. Connect a 0.1µF capacitor from COMP
to GND. For stable operation, COUT must not exceed
10 times CCOMP.
Inductor Selection
Inductor values range from 10µH to 47µH. A 22µH
(47µH for the MAX1599) inductor optimizes the efficien-
cy for most applications while maintaining low 15mVP-P
input ripple. With input voltages near 5V, a larger value
of inductance can be more efficient. To prevent core
saturation, ensure that the inductor-saturation current
rating exceeds the peak inductor current for the appli-
cation. Calculate the peak inductor current with the fol-
lowing formula:
Schottky Diode Selection
The MAX1561/MAX1599s’ high switching frequency
demands a high-speed rectification diode (D1) for opti-
mum efficiency. A Schottky diode is recommended due
to its fast recovery time and low forward-voltage drop.
Ensure that the diode’s average and peak current rating
exceed the average output current and peak inductor
current. In addition, the diode’s reverse breakdown volt-
age must exceed VOUT. The RMS diode current can be
calculated from:
Applications Information
PC Board Layout
Due to fast switching waveforms and high-current
paths, careful PC board layout is required. An evalua-
tion kit (MAX1561EVKIT) is available to speed design.
Order MAX1599 samples separately.
When laying out a board, minimize trace lengths between
the IC and RSENSE, the inductor, the diode, the input
capacitor, and the output capacitor. Keep traces short,
direct, and wide. Keep noisy traces, such as the LX node
trace, away from CS. The IN bypass capacitor (CIN)
should be placed as close to the IC as possible. PGND
and GND should be connected directly to the exposed
paddle underneath the IC. The ground connections of
CIN and COUT should be as close together as possible.
The traces from IN to the inductor and from the Schottky
diode to the LEDs may be longer.
Chip Information
TRANSISTOR COUNT: 2895
PROCESS: BiCMOS
II
I
DIODE RMS
OUT
PEAK
() ≅×
I
VI
V
Vs
L
PEAK
OUT MAX
LED MAX
IN MIN
IN MIN
=
×
×
+
×µ
×
()
()
()
()
.
.
08
08
2
High-Efficiency, 26V Step-Up Converters
for Two to Six White LEDs
8
_______________________________________________________________________________________


Similar Part No. - MAX1561

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX156 MAXIM-MAX156 Datasheet
624Kb / 20P
   8-/4-Channel ADCs with Simultaneous T/Hs and Reference
19-2949; Rev 1; 6/94
MAX1562 MAXIM-MAX1562 Datasheet
436Kb / 12P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
MAX1562 MAXIM-MAX1562 Datasheet
362Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 1; 7/09
MAX1562 MAXIM-MAX1562 Datasheet
545Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 2; 2/10
MAX1562-MAX1563 MAXIM-MAX1562-MAX1563 Datasheet
436Kb / 12P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
More results

Similar Description - MAX1561

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2561 EUTECH-EUP2561 Datasheet
453Kb / 9P
   26V Step-Up Converters for Two to Six White LEDs
EUP2595 EUTECH-EUP2595 Datasheet
411Kb / 10P
   32V Step-Up Converters for Two to Nine White LEDs
logo
Will Semiconductor Ltd.
WD3131E WILLSEMI-WD3131E Datasheet
394Kb / 14P
   High Efficiency, 26V Step-Up White LED Driver
logo
Maxim Integrated Produc...
MAX1553 MAXIM-MAX1553 Datasheet
347Kb / 11P
   High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
19-2875; Rev 0; 6/03
MAX1553 MAXIM-MAX1553_15 Datasheet
225Kb / 10P
   High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
Rev 2; 5/15
logo
Anpec Electronics Corop...
APW7207 ANPEC-APW7207_12 Datasheet
392Kb / 18P
   1MHz, High-Efficiency, Step-Up Converter for White LEDs
logo
Maxim Integrated Produc...
MAX1582 MAXIM-MAX1582 Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
logo
Anpec Electronics Corop...
APW7208 ANPEC-APW7208 Datasheet
341Kb / 16P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
APW7136A ANPEC-APW7136A Datasheet
423Kb / 15P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
logo
AMETHERM Circuit Protec...
AME5144 AMETHERM-AME5144 Datasheet
137Kb / 15P
   High Efficiency, 37V Step-Up Converter for 2 to 10 White LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com