Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1523 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1523
Description  Simple SOT23 Boost Controllers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1523 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1523 Datasheet HTML 3Page - Maxim Integrated Products MAX1523 Datasheet HTML 4Page - Maxim Integrated Products MAX1523 Datasheet HTML 5Page - Maxim Integrated Products MAX1523 Datasheet HTML 6Page - Maxim Integrated Products MAX1523 Datasheet HTML 7Page - Maxim Integrated Products MAX1523 Datasheet HTML 8Page - Maxim Integrated Products MAX1523 Datasheet HTML 9Page - Maxim Integrated Products MAX1523 Datasheet HTML 10Page - Maxim Integrated Products MAX1523 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Simple SOT23 Boost Controllers
_______________________________________________________________________________________
7
under light loads. The selection of 30% ripple current
causes this to happen at loads less than approximately
1/6th of maximum load.
There are two common reasons not to run in CCM:
1) High output voltage. In this case, the output-to-
input voltage ratio exceeds the level obtainable
by the MAX1522/MAX1523/MAX1524s’ maximum duty
factor. Calculate the application’s maximum duty cycle
using the equation in the Calculate the Maximum Duty
Cycle section. If this number exceeds 80%, you will
have to design for DCM.
2) Small output current. If the maximum output current
is very small, the inductor required for CCM may be
disproportionally large and expensive. Since I
2R losses
are not a concern, it may make sense to use a smaller
inductor and run in DCM. This typically occurs when
the load current times the output-to-input voltage ratio
drops below a few hundred milliamps, although this
also depends on the external components.
Calculate the Maximum Duty Cycle
The maximum duty cycle of the application is given by:
where VD is the forward voltage drop of the Schottky
diode (about 0.5V).
Design Procedure for CCM
On-Time Selection
For CCM to occur, the MAX1522/MAX1523/MAX1524
must be able to exceed the application’s maximum
duty cycle. For applications up to 45% duty cycle, con-
nect SET to GND for 0.5µs on-time to get fast switching
and a smaller inductor. For applications up to 80% duty
cycle, it is necessary to connect SET to VCC for 3.0µs
on-time. For applications greater than 80% duty cycle,
CCM operation is not guaranteed; see the Design
Procedure for DCM section.
Switching Frequency
A benefit of CCM is that the switching frequency
remains high as the load is reduced, whereas in DCM
the switching frequency varies directly with load. This is
important in applications where switching noise needs
to stay above the audio band. The medium- and heavy-
load switching frequency in CCM circuits is given by:
Note that fSWITCHING is not a function of load and
varies primarily with input voltage. However, when the
load is reduced, a CCM circuit drops into DCM, and
the frequency becomes load dependent:
Calculate the Peak Inductor Current
For CCM, the peak inductor current is given by:
I
VV
V
I
PEAK
OUT
D
IN MIN
LOAD MAX
+
×
115
.
()
()
ƒ≈
×
+−
+
×
×
SWITCHING LIGHT LOAD
ON
OUT
D
IN
OUT
D
LOAD
LOAD MAX
t
VV
V
VV
I
I
()
()
.
1
018
ƒ=
×
+−
+
SWITCHING
ON
OUT
D
IN
OUT
D
t
VV
V
VV
1
DutyCycle
VV
V
VV
MAX
OUT
D
IN MIN
OUT
D
() =
+−
+
×
()
%
100
MAX1522
MAX1523
INPUT
2.7V TO 4.2V
C3
0.1
µF
OFF
ON
6
3
4
5
2
1
VCC
EXT
SET
FB
SHDN
GND
C1
10
µF
6.3V
L1
33
µH
CDR74B-330
D1
MBR0530T3
Q1
FDC633N
R1
130k
1%
OUTPUT
12V
C2
33
µF
TPSD336M020R0200
CFB
220pF
CFF
220pF
R1
15.0k
1%
Figure 1. MAX1522/MAX1523 Standard Operating Circuit


Similar Part No. - MAX1523

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1523 MAXIM-MAX1523 Datasheet
131Kb / 5P
   fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 0; 03/01
MAX1523EUT+T MAXIM-MAX1523EUT+T Datasheet
438Kb / 14P
   Simple SOT23 Boost Controllers
2010
MAX1523EUT-T MAXIM-MAX1523EUT-T Datasheet
438Kb / 14P
   Simple SOT23 Boost Controllers
2010
More results

Similar Description - MAX1523

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1522 MAXIM-MAX1522_V01 Datasheet
438Kb / 14P
   Simple SOT23 Boost Controllers
2010
MAX5900 MAXIM-MAX5900 Datasheet
260Kb / 11P
   -100V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 3; 8/03
MAX5902 MAXIM-MAX5902 Datasheet
279Kb / 11P
   72V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 1; 9/02
MAX5900 MAXIM-MAX5900_07 Datasheet
295Kb / 14P
   100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5902AAETT-T MAXIM-MAX5902AAETT-T Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5901ABEUT-T MAXIM-MAX5901ABEUT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5902 MAXIM-MAX5902_07 Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5901LAETT-T MAXIM-MAX5901LAETT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
logo
Semtech Corporation
SC2603A SEMTECH-SC2603A Datasheet
461Kb / 9P
   Simple PWM Boost Converter In Small SOT23-6 Package
logo
Maxim Integrated Produc...
MAX16992 MAXIM-MAX16992 Datasheet
1Mb / 19P
   Boost/SEPIC Controllers
Rev 3; 7/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com