Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1522-MAX1524 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1522-MAX1524
Description  Simple SOT23 Boost Controllers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1522-MAX1524 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1522-MAX1524 Datasheet HTML 6Page - Maxim Integrated Products MAX1522-MAX1524 Datasheet HTML 7Page - Maxim Integrated Products MAX1522-MAX1524 Datasheet HTML 8Page - Maxim Integrated Products MAX1522-MAX1524 Datasheet HTML 9Page - Maxim Integrated Products MAX1522-MAX1524 Datasheet HTML 10Page - Maxim Integrated Products MAX1522-MAX1524 Datasheet HTML 11Page - Maxim Integrated Products MAX1522-MAX1524 Datasheet HTML 12Page - Maxim Integrated Products MAX1522-MAX1524 Datasheet HTML 13Page - Maxim Integrated Products MAX1522-MAX1524 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Simple SOT23 Boost Controllers
______________________________________________________________________________________
11
Diode Selection
The MAX1522/MAX1523/MAX1524s’ high switching fre-
quency demands a high-speed rectifier. Schottky
diodes are recommended for most applications
because of their fast recovery time and low forward
voltage. Ensure that the diode’s current rating is ade-
quate to withstand the diode’s RMS current:
Also, the diode reverse breakdown voltage must
exceed VOUT. For high output voltages (50V or above),
Schottky diodes may not be practical because of this
voltage requirement. In these cases, use a high-speed
silicon rectifier with adequate reverse voltage. Another
consideration for high input voltages is reverse leakage
of the diode. This should be considered using the man-
ufacturer’s specification due to its direct influence on
system efficiency.
Layout Considerations
High switching frequencies and large peak currents
make PC board layout a very important part of design.
Good design minimizes excessive EMI on the feedback
paths and voltage gradients in the ground plane, both
of which can result in instability or regulation errors.
Connect the inductor, input filter capacitor, and output
filter capacitor as close together as possible, and keep
their traces short, direct, and wide. Connect their
ground pins at a single common node in a star-ground
configuration. The external voltage-feedback network
should be very close to the FB pin, within 0.2in (5mm).
Keep noisy traces (such as the trace from the junction
of the inductor and MOSFET) away from the voltage-
feedback network; also keep them separate, using
grounded copper. The MAX1522/MAX1523/ MAX1524
evaluation kit manual shows an example PC board lay-
out and routing scheme.
Generating Resistance
with PC Board Traces
If the output capacitor’s ESR is too low for proper regu-
lation, it can be increased artificially directly on the PC
board. For example, an additional 50m
Ω of ESR added
to the output capacitor provides best regulation. The
resistivity of a 10mil trace using 1oz copper is about
50m
Ω per inch. Therefore, a 10mil trace 1in long gener-
ates the required resistance.
II
I
DIODE RMS
OUT
PEAK
()


Similar Part No. - MAX1522-MAX1524

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1522 MAXIM-MAX1522 Datasheet
131Kb / 5P
   fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 0; 03/01
MAX1522EUT+T MAXIM-MAX1522EUT+T Datasheet
438Kb / 14P
   Simple SOT23 Boost Controllers
2010
MAX1522EUT-T MAXIM-MAX1522EUT-T Datasheet
438Kb / 14P
   Simple SOT23 Boost Controllers
2010
MAX1522EVKIT MAXIM-MAX1522EVKIT Datasheet
131Kb / 5P
   fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 0; 03/01
MAX1522 MAXIM-MAX1522_V01 Datasheet
438Kb / 14P
   Simple SOT23 Boost Controllers
2010
More results

Similar Description - MAX1522-MAX1524

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1522 MAXIM-MAX1522_V01 Datasheet
438Kb / 14P
   Simple SOT23 Boost Controllers
2010
MAX5900 MAXIM-MAX5900 Datasheet
260Kb / 11P
   -100V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 3; 8/03
MAX5902 MAXIM-MAX5902 Datasheet
279Kb / 11P
   72V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 1; 9/02
MAX5900 MAXIM-MAX5900_07 Datasheet
295Kb / 14P
   100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5902AAETT-T MAXIM-MAX5902AAETT-T Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5901ABEUT-T MAXIM-MAX5901ABEUT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5902 MAXIM-MAX5902_07 Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5901LAETT-T MAXIM-MAX5901LAETT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
logo
Semtech Corporation
SC2603A SEMTECH-SC2603A Datasheet
461Kb / 9P
   Simple PWM Boost Converter In Small SOT23-6 Package
logo
Maxim Integrated Produc...
MAX16992 MAXIM-MAX16992 Datasheet
1Mb / 19P
   Boost/SEPIC Controllers
Rev 3; 7/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com