Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLML9301PBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRLML9301PBF
Description  Compatible with existing Surface Mount Techniques
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML9301PBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRLML9301PBF_15 Datasheet HTML 2Page - International Rectifier IRLML9301PBF_15 Datasheet HTML 3Page - International Rectifier IRLML9301PBF_15 Datasheet HTML 4Page - International Rectifier IRLML9301PBF_15 Datasheet HTML 5Page - International Rectifier IRLML9301PBF_15 Datasheet HTML 6Page - International Rectifier IRLML9301PBF_15 Datasheet HTML 7Page - International Rectifier IRLML9301PBF_15 Datasheet HTML 8Page - International Rectifier IRLML9301PBF_15 Datasheet HTML 9Page - International Rectifier IRLML9301PBF_15 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRLML9301TRPbF
10
www.irf.com
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 101N.Sepulveda blvd, El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.02/2012
†
Qualification standards can be found at International Rectifier’s web site
http://www.irf.com/product-info/reliability
††
Higher qualification ratings may be available should the user have such requirements.
Please contact your International Rectifier sales representative for further information:
http://www.irf.com/whoto-call/salesrep/
††† Applicable version of JEDEC standard at the time of product release.
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Pulse width ≤ 400μs; duty cycle ≤ 2%.
ƒ Surface mounted on 1 in square Cu board
„ Refer to application note #AN-994.
Note
Form
Quantity
IRLML9301TRPbF
Micro3 (SOT-23)
Tape and Reel
3000
Orderable part number
Package Type
Standard Pack
MS L1
(per IPC/JE DE C J-S TD-020D††† )
RoHS compliant
Yes
Micro3 (SOT-23)
Qualification information
Moisture Sensitivity Level
Qualification level
Cons umer††
(per JE DE C JE S D47F ††† guidelines )


Similar Part No. - IRLML9301PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML9301TRPBF IRF-IRLML9301TRPBF Datasheet
239Kb / 10P
   HEXFET Power MOSFET
logo
ZP Semiconductor
IRLML9301TRPBF ZPSEMI-IRLML9301TRPBF Datasheet
301Kb / 2P
   HEXFETPower MOSFET
logo
VBsemi Electronics Co.,...
IRLML9301TRPBF VBSEMI-IRLML9301TRPBF Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
IRLML9301TRPBF TECHPUBLIC-IRLML9301TRPBF Datasheet
3Mb / 3P
   P-Channel 20-V(D-S) MOSFET
More results

Similar Description - IRLML9301PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com