Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLML6246PBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRLML6246PBF
Description  Industry-standard SOT-23 Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML6246PBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRLML6246PBF_15 Datasheet HTML 2Page - International Rectifier IRLML6246PBF_15 Datasheet HTML 3Page - International Rectifier IRLML6246PBF_15 Datasheet HTML 4Page - International Rectifier IRLML6246PBF_15 Datasheet HTML 5Page - International Rectifier IRLML6246PBF_15 Datasheet HTML 6Page - International Rectifier IRLML6246PBF_15 Datasheet HTML 7Page - International Rectifier IRLML6246PBF_15 Datasheet HTML 8Page - International Rectifier IRLML6246PBF_15 Datasheet HTML 9Page - International Rectifier IRLML6246PBF_15 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRLML6246TRPbF
10
www.irf.com
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 101N. Sepulveda blvd, El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.10/2012
†
Qualification standards can be found at International Rectifier’s web site
http://www.irf.com/product-info/reliability
††
Higher qualification ratings may be available should the user have such requirements.
Please contact your International Rectifier sales representative for further information:
http://www.irf.com/whoto-call/salesrep/
††† Applicable version of JEDEC standard at the time of product release.
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Pulse width ≤ 400μs; duty cycle ≤ 2%.
ƒ Surface mounted on 1 in square Cu board
„ Refer to application note #AN-994.
MSL1
(per IPC/JEDEC J-STD-020D
††† )
RoHS compliant
Yes
Micro3
™(SOT-23)
Qualification information
Moisture Sensitivity Level
Qualification level
Consumer††
(per JEDEC JESD47F
††† guidelines )
Note
Form
Quantity
IRLML6246TRPbF
Micro3™(SOT-23)
Tape and Reel
3000
Orderable part number
Package Type
Standard Pack
Date
Comments
10/12/2012
Added IDSS @ 16V, TJ = 55C-pg2
Revision History


Similar Part No. - IRLML6246PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML6246PBF IRF-IRLML6246PBF Datasheet
214Kb / 10P
   HEXFETPower MOSFET
More results

Similar Description - IRLML6246PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML6244PBF IRF-IRLML6244PBF_15 Datasheet
202Kb / 10P
   Industry-standard SOT-23 Package
IRLML6344PBF IRF-IRLML6344PBF_15 Datasheet
210Kb / 10P
   Industry-standard SOT-23 Package
IRLML0030PBF-1 IRF-IRLML0030PBF-1_15 Datasheet
212Kb / 9P
   Industry-standard pinout SOT-23 Package
logo
KEC(Korea Electronics)
KDR393S KEC-KDR393S_06 Datasheet
16Kb / 1P
   SOT-23 PACKAGE
KDV153 KEC-KDV153_02 Datasheet
349Kb / 1P
   SOT-23 PACKAGE
BAV99 KEC-BAV99 Datasheet
372Kb / 1P
   SOT-23 PACKAGE
BCW31 KEC-BCW31_98 Datasheet
349Kb / 1P
   SOT-23 PACKAGE
KTC3770S_0309 KEC-KTC3770S_0309 Datasheet
376Kb / 1P
   SOT-23 PACKAGE
BCW29 KEC-BCW29_98 Datasheet
349Kb / 1P
   SOT-23 PACKAGE
KDS135S KEC-KDS135S Datasheet
348Kb / 1P
   SOT-23 PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com