Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX152CPP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX152CPP
Description  3V, 8-Bit ADC with 1uA Power-Down
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX152CPP Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX152CPP Datasheet HTML 1Page - Maxim Integrated Products MAX152CPP Datasheet HTML 2Page - Maxim Integrated Products MAX152CPP Datasheet HTML 3Page - Maxim Integrated Products MAX152CPP Datasheet HTML 4Page - Maxim Integrated Products MAX152CPP Datasheet HTML 5Page - Maxim Integrated Products MAX152CPP Datasheet HTML 6Page - Maxim Integrated Products MAX152CPP Datasheet HTML 7Page - Maxim Integrated Products MAX152CPP Datasheet HTML 8Page - Maxim Integrated Products MAX152CPP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX152 high-speed, microprocessor (µP)-com-
patible, 8-bit analog-to-digital converter (ADC) uses a
half-flash technique to achieve a 1.8µs conversion
time, and digitizes at a rate of 400k samples per sec-
ond (ksps). It operates with single +3V or dual ±3V
supplies and accepts either unipolar or bipolar inputs.
A
P
O
W
E
R
D
O
W
N
pin reduces current consumption to
a typical value of 1µA. The part returns from power-
down and acquires an input signal in less than 900ns,
providing large reductions in supply current in applica-
tions with burst-mode input signals.
The MAX152 is DC and dynamically tested. Its µP inter-
face appears as a memory location or input/output port that
requires no external interface logic. The data outputs use
latched, three-state buffered circuitry for direct connection
to a µP data bus or system input port. The ADC's input/ref-
erence arrangement enables ratiometric operation. A fully-
assembled evaluation kit provides a proven PC board lay-
out to speed prototyping and design.
_______________________Applications
Cellular Telephones
Portable Radios
Battery-Powered Systems
Burst-Mode Data Acquisition
Digital Signal Processing
Telecommunications
High-Speed Servo Loops
___________________________Features
o Single +3.0V to +3.6V Supply
o 1.8µs Conversion Time
o Power-Up in 900ns
o Internal Track/Hold
o 400ksps Throughput
o Low Power: 1.5mA (Operating Mode)
1µA
(Power-Down Mode)
o 300kHz Full-Power Bandwidth
o 20-Pin DIP, SO and SSOP Packages
o No External Clock Required
o Unipolar/Bipolar Inputs
o Ratiometric Reference Inputs
o 2.7V Version Available – Contact Factory
______________Ordering Information
* Contact factory for dice specifications.
** Contact factory for availability and processing to MIL-STD-883.
+3V, 8-Bit ADC with 1µA Power-Down
________________________________________________________________
Maxim Integrated Products
1
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
VDD
VSS
PWRDN
D7 (MSB)
D6
D5
D4
CS
VREF+
VREF-
VIN
D0 (LSB)
D1
D2
D3
WR/RDY
MODE
RD
INT
GND
DIP/SO/SSOP
MAX152
__________________Pin Configuration
TOP VIEW
THREE-
STATE
DRIVERS
4-BIT
DAC
4-BIT
FLASH
ADC
4-BIT
FLASH
ADC
(4LSB)
D0-D7
DATA
OUT
PINS
2-5,
14-17
VREF+
VREF-
VIN
12
11
1
PWRDN
18
20
VDD
10
WR/RDY CS
GND
7
6
13
89
19
RD
INT
VSS
MODE
MAX152
TIMING AND CONTROL CIRCUITRY
VREF+
16
________________Functional Diagram
Call toll free 1-800-998-8800 for free samples or literature.
PART
TEMP. RANGE
MAX152CPP
0°C to +70°C
MAX152CWP
0°C to +70°C
MAX152CAP
0°C to +70°C
MAX152C/D
0°C to +70°C
MAX152EPP
-40°C to +85°C
MAX152EWP
-40°C to +85°C
MAX152EAP
-40°C to +85°C
MAX152MJP
-55°C to +125°C
PIN-PACKAGE
20 Wide SO
20 SSOP
Dice*
20 Plastic DIP
20 Wide SO
20 SSOP
20 CERDIP**
20 Plastic DIP
19-0119; Rev. 1; 12/93
Evaluation
Kit
Manual
Follows
Data
Sheet


Similar Part No. - MAX152CPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1522 MAXIM-MAX1522 Datasheet
194Kb / 14P
   Simple SOT23 Boost Controllers
19-1926; Rev 0; 2/01
MAX1522 MAXIM-MAX1522 Datasheet
131Kb / 5P
   fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 0; 03/01
MAX1522-MAX1524 MAXIM-MAX1522-MAX1524 Datasheet
194Kb / 14P
   Simple SOT23 Boost Controllers
19-1926; Rev 0; 2/01
MAX1522EUT+T MAXIM-MAX1522EUT+T Datasheet
438Kb / 14P
   Simple SOT23 Boost Controllers
2010
MAX1522EUT-T MAXIM-MAX1522EUT-T Datasheet
194Kb / 14P
   Simple SOT23 Boost Controllers
19-1926; Rev 0; 2/01
More results

Similar Description - MAX152CPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX113 MAXIM-MAX113 Datasheet
106Kb / 12P
   3V, 400ksps, 4/8-Channel, 8-Bit ADCs with 1UA Power-Down
19-1081; Rev 1; 8/96
MAX1204 MAXIM-MAX1204 Datasheet
170Kb / 24P
   5v, 8-cHANNEL, sERIAL, 10-bIT adc WITH 3v dIGITAL iNTERFACE
19-1179; Rev 0; 1/97
MAX1204 MAXIM-MAX1204_12 Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
logo
Linear Technology
LTC2225 LINER-LTC2225_15 Datasheet
521Kb / 20P
   12-Bit, 10Msps Low Power 3V ADC
LTC2245 LINER-LTC2245_15 Datasheet
521Kb / 20P
   14-Bit, 10Msps Low Power 3V ADC
LTC2225 LINER-LTC2225 Datasheet
515Kb / 20P
   12-Bit, 10Msps Low Power 3V ADC
LTC2249 LINER-LTC2249 Datasheet
464Kb / 20P
   14-Bit, 80Msps Low Power 3V ADC
LTC2229 LINER-LTC2229 Datasheet
552Kb / 24P
   12-Bit, 80Msps Low Power 3V ADC
LTC2229 LINER-LTC2229_15 Datasheet
558Kb / 24P
   12-Bit, 80Msps Low Power 3V ADC
LTC2249 LINER-LTC2249_15 Datasheet
557Kb / 24P
   14-Bit, 80Msps Low Power 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com