Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1480 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX1480
Description  Complete, Isolated RS-485/RS-422 Data Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1480 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX1480 Datasheet HTML 10Page - Maxim Integrated Products MAX1480 Datasheet HTML 11Page - Maxim Integrated Products MAX1480 Datasheet HTML 12Page - Maxim Integrated Products MAX1480 Datasheet HTML 13Page - Maxim Integrated Products MAX1480 Datasheet HTML 14Page - Maxim Integrated Products MAX1480 Datasheet HTML 15Page - Maxim Integrated Products MAX1480 Datasheet HTML 16Page - Maxim Integrated Products MAX1480 Datasheet HTML 17Page - Maxim Integrated Products MAX1480 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Complete, Isolated RS-485/RS-422
Data Interface
14
______________________________________________________________________________________
Figure 4. Driver DC Test Load
R
R
VOD
VOC
D
Figure 5. Driver/Receiver Timing Test Circuit
DI
´
CL1
(DE
´)
CL2
RO (RO)*
RDIFF
VID
ISOLATION BARRIER
( ) ARE FOR
THE MAX1480A/B/C
* OPTOCOUPLER
OUTPUTS. SEE FIGURES 1
AND 2 FOR DETAILED BLOCK
DIAGRAM AND TYPICAL
APPLICATION CIRCUIT.
ISOLATION BARRIER
R
D
Test Circuits
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
AC1
VIN
5V
SHUTDOWN
Si943304
DI
GND
DE
R1
R2
R3
P
RO
AC2
ISO VCC1
B
D2
D1
VCC2
VCC1
ISO RO DRV
A
ISO DI IN
ISO DE IN
VCC3
SD
FS
GND1
20
19
18
17
9
10
11
12
ISO COM1
ISO DI DRV
ISO VCC2
ISO DE DRV
GND2
DE
VCC4
DI
16
15
13
14
ISO COM2
ISO RO LED
VCC5
RO
MAX1487
MAX845
ISOLATION BARRIER
MAX1480A
Figure 3. MAX1480A Low-Power Shutdown Mode


Similar Part No. - MAX1480

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14800 MAXIM-MAX14800 Datasheet
179Kb / 17P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 0; 4/09
MAX14800 MAXIM-MAX14800 Datasheet
230Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
MAX14800CCM++ MAXIM-MAX14800CCM+ Datasheet
179Kb / 17P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 0; 4/09
MAX14800CCM++ MAXIM-MAX14800CCM+ Datasheet
230Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
MAX14800 MAXIM-MAX14800_09 Datasheet
230Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
More results

Similar Description - MAX1480

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1480BCPI MAXIM-MAX1480BCPI Datasheet
1Mb / 21P
   Complete, Isolated RS-485/RS-422 Data Interface
Rev 5; 5/05
MAX1480A MAXIM-MAX1480A_05 Datasheet
2Mb / 21P
   Complete, Isolated RS-485/RS-422 Data Interface
Rev 5; 5/05
MAX3480A MAXIM-MAX3480A Datasheet
158Kb / 16P
   Complete, Isolated, 3.3V RS-485/RS-422 Data Interface
Rev 0; 1/96
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
   15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
MAX3480EA MAXIM-MAX3480EA Datasheet
280Kb / 16P
   -15kV ESD-Protected, Isolated, 3.3V RS-485/RS-422 Data Interfaces
Rev 0; 4/01
logo
Littelfuse
SE-485 LITTELFUSE-SE-485 Datasheet
370Kb / 8P
   OPTICALLY ISOLATED RS-232 TO RS-422/485
logo
MPS Industries, Inc.
M6210 MPSIND-M6210 Datasheet
486Kb / 1P
   RS-485/RS-422 INTERFACE PUSH-PULL TRANSFORMERS
M6212 MPSIND-M6212 Datasheet
441Kb / 1P
   RS-485/RS-422 INTERFACE PUSH-PULL TRANSFORMERS
P6201 MPSIND-P6201 Datasheet
483Kb / 1P
   RS-485/RS-422 INTERFACE PUSH-PULL TRANSFORMERS
P6202 MPSIND-P6202 Datasheet
390Kb / 1P
   RS-485/RS-422 INTERFACE PUSH-PULL TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com