Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX149BCAP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX149BCAP
Description  2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX149BCAP Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX149BCAP Datasheet HTML 1Page - Maxim Integrated Products MAX149BCAP Datasheet HTML 2Page - Maxim Integrated Products MAX149BCAP Datasheet HTML 3Page - Maxim Integrated Products MAX149BCAP Datasheet HTML 4Page - Maxim Integrated Products MAX149BCAP Datasheet HTML 5Page - Maxim Integrated Products MAX149BCAP Datasheet HTML 6Page - Maxim Integrated Products MAX149BCAP Datasheet HTML 7Page - Maxim Integrated Products MAX149BCAP Datasheet HTML 8Page - Maxim Integrated Products MAX149BCAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
General Description
The MAX148/MAX149 10-bit data-acquisition systems
combine an 8-channel multiplexer, high-bandwidth
track/hold, and serial interface with high conversion
speed and low power consumption. They operate from a
single +2.7V to +5.25V supply, and sample to 133ksps.
Both devices’ analog inputs are software configurable for
unipolar/bipolar and single-ended/differential operation.
The 4-wire serial interface connects directly to SPI™/
QSPI™ and MICROWIRE™ devices without external
logic. A serial-strobe output allows direct connection to
TMS320-family digital signal processors. The MAX148/
MAX149 use either the internal clock or an external serial-
interface clock to perform successive-approximation
analog-to-digital conversions.
The MAX149 has an internal 2.5V reference, while the
MAX148 requires an external reference. Both parts have
a reference-buffer amplifier with a ±1.5% voltage-
adjustment range.
These devices provide a hard-wired SHDN pin and a
software-selectable power-down, and can be pro-
grammed to automatically shut down at the end of a con-
version. Accessing the serial interface automatically
powers up the MAX148/MAX149, and the quick turn-on
time allows them to be shut down between all conver-
sions. This technique can cut supply current to under
60µA at reduced sampling rates.
The MAX148/MAX149 are available in a 20-pin DIP and a
20-pin SSOP.
For 4-channel versions of these devices, see the
MAX1248/MAX1249 data sheet.
________________________Applications
Portable Data Logging
Data Acquisition
Medical Instruments
Battery-Powered Instruments
Pen Digitizers
Process Control
____________________________Features
o 8-Channel Single-Ended or 4-Channel
Differential Inputs
o Single-Supply Operation: +2.7V to +5.25V
o Internal 2.5V Reference (MAX149)
o Low Power: 1.2mA (133ksps, 3V supply)
54µA (1ksps, 3V supply)
1µA (power-down mode)
o SPI/QSPI/MICROWIRE/TMS320-Compatible
4-Wire Serial Interface
o Software-Configurable Unipolar or Bipolar Inputs
o 20-Pin DIP/SSOP Packages
+2.7V to +5.25V, Low-Power, 8-Channel,
Serial 10-Bit ADCs
________________________________________________________________
Maxim Integrated Products
1
VDD
I/O
SCK (SK)
MOSI (SO)
MISO (SI)
VSS
SHDN
SSTRB
DOUT
DIN
SCLK
CS
COM
AGND
DGND
VDD
CH7
4.7
µF
0.1
µF
CH0
0V TO
+2.5V
ANALOG
INPUTS
MAX149
CPU
+3V
VREF
0.01
µF
REFADJ
__________Typical Operating Circuit
19-0464; Rev 2; 5/98
PART
MAX148ACPP
MAX148BCPP
MAX148ACAP
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
20 Plastic DIP
20 Plastic DIP
20 SSOP
EVALUATION
KIT
AVAILABLE
Ordering Information
Ordering Information continued at end of data sheet.
Contact factory for availability of alternate surface-mount
packages.
MAX148BCAP
0°C to +70°C
20 SSOP
INL
(LSB)
±1/2
±1
±1/2
±1
SPI and QSPI are trademarks of Motorola, Inc. MICROWIRE is a trademark of National Semiconductor Corp.
Pin Configuration appears at end of data sheet.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.


Similar Part No. - MAX149BCAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX149BCAP MAXIM-MAX149BCAP Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 3; 5/09
More results

Similar Description - MAX149BCAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX148 MAXIM-MAX148_09 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 3; 5/09
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX1242 MAXIM-MAX1242_V01 Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
MAX1248 MAXIM-MAX1248 Datasheet
242Kb / 24P
   2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
Rev 2; 5/98
MAX1242 MAXIM-MAX1242 Datasheet
158Kb / 12P
   2.7V to %.25V, Low-Power, 10-Bit Serial ADCs in SO-8
19-1156; Rev 2; 6/98
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com