Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1486CUB Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1486CUB
Description  Software-Selectable, Half-/Full-Duplex, Slew-Rate-Limited, 12Mbps, RS-485/RS-422 Transceivers in uMAX Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1486CUB Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1486CUB Datasheet HTML 1Page - Maxim Integrated Products MAX1486CUB Datasheet HTML 2Page - Maxim Integrated Products MAX1486CUB Datasheet HTML 3Page - Maxim Integrated Products MAX1486CUB Datasheet HTML 4Page - Maxim Integrated Products MAX1486CUB Datasheet HTML 5Page - Maxim Integrated Products MAX1486CUB Datasheet HTML 6Page - Maxim Integrated Products MAX1486CUB Datasheet HTML 7Page - Maxim Integrated Products MAX1486CUB Datasheet HTML 8Page - Maxim Integrated Products MAX1486CUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Software-Selectable, Half-/Full-Duplex, Slew-Rate-Limited,
12Mbps, RS-485/RS-422 Transceivers in µMAX Package
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC) ............................................................+7V
Control Input Voltage (RE, DE, H/F) ...........-0.3V to (VCC + 0.3V)
Driver Input Voltage (DI).............................-0.3V to (VCC + 0.3V)
Driver Output Voltage (A, B, Y, Z) ..........................-8V to +12.5V
Receiver Input Voltage, Half Duplex (Y, Z) ............-8V to +12.5V
Receiver Input Voltage, Full Duplex (A, B).............-8V to +12.5V
Receiver Output Voltage (RO)....................-0.3V to (VCC + 0.3V)
Continuous Power Dissipation
10-Pin µMAX (derate 5.6mW/°C above +70°C) ............444mW
Operating Temperature Ranges
MAX148_C_ _ ......................................................0°C to +70°C
MAX148_E_ _....................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
R = 50
Ω (RS-422), Figure 5
No load, Figure 5
-7V
≤ VOUT ≤ 12V
DE = GND
DE, DI, RE, H/F
DE, DI, RE, H/F
R = 50
Ω or 27Ω, Figure 5
R = 50
Ω or 27Ω, Figure 5
R = 50
Ω or 27Ω, Figure 5
DE = GND,
VCC = GND or 5.25V
DE, DI, RE, H/F
CONDITIONS
mA
35
250
IOSD
Driver Output Short-Circuit
Current (Note 3)
µA
-10
IO
10
Output Leakage (Y and Z)
(MAX1481/MAX1484 Only)
mA
0.125
IIN2
Input Current (Y and Z for Half
Duplex, A and B for Full Duplex)
µA
±2
IIN1
Input Current
2.0
VOD1
Differential Driver Output
5
V
0.8
VIL1
Input Low Voltage
V
2.0
VIH1
Input High Voltage
V
0.2
∆VOC
Change in Magnitude of
Common-Mode Voltage (Note 2)
V
0.2
∆VOD
Change in Magnitude of
Differential Output Voltage
(Note 2)
V
3
VOC
Driver Common-Mode Output
Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
DE = GND
-100
IO
µA
125
Output Leakage (Y and Z)
(MAX1485/MAX1486 Only)
VOD2
R = 27
Ω (RS-485), Figure 5
V
1.5
5
VIN = 12V
VIN = -7V
VIN = 12V
VIN = -7V
VIN = 12V
VIN = -7V
-0.1
DRIVER


Similar Part No. - MAX1486CUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1486CUB MAXIM-MAX1486CUB Datasheet
393Kb / 10P
   Software-Selectable, Half-/Full-Duplex, Slew-Rate-Limited, 12Mbps, RS-485/RS-422 Transceivers in 關MAX Package
19-1312; Rev 1; 3/06
More results

Similar Description - MAX1486CUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1481 MAXIM-MAX1481_V01 Datasheet
393Kb / 10P
   Software-Selectable, Half-/Full-Duplex, Slew-Rate-Limited, 12Mbps, RS-485/RS-422 Transceivers in 關MAX Package
19-1312; Rev 1; 3/06
logo
Analog Devices
ADM4855 AD-ADM4855_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4850 AD-ADM4850 Datasheet
342Kb / 16P
   5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
Rev. F
ADM4851 AD-ADM4851_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4856 AD-ADM4856_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_12 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM3483 AD-ADM3483 Datasheet
450Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM4853 AD-ADM4853_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4853 AD-ADM4853 Datasheet
438Kb / 16P
   5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com