Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLML2030PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRLML2030PBF
Description  Compatible with existing Surface Mount Techniques
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML2030PBF Datasheet(HTML) 3 Page - International Rectifier

  IRLML2030PBF_15 Datasheet HTML 1Page - International Rectifier IRLML2030PBF_15 Datasheet HTML 2Page - International Rectifier IRLML2030PBF_15 Datasheet HTML 3Page - International Rectifier IRLML2030PBF_15 Datasheet HTML 4Page - International Rectifier IRLML2030PBF_15 Datasheet HTML 5Page - International Rectifier IRLML2030PBF_15 Datasheet HTML 6Page - International Rectifier IRLML2030PBF_15 Datasheet HTML 7Page - International Rectifier IRLML2030PBF_15 Datasheet HTML 8Page - International Rectifier IRLML2030PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRLML2030TRPbF
www.irf.com
3
Fig 3. Typical Transfer Characteristics
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
VGS
TOP
10.0V
8.00V
4.50V
3.50V
3.25V
3.00V
2.50V
BOTTOM
2.25V
≤60μs PULSE WIDTH
Tj = 25°C
2.25V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
VGS
TOP
10.0V
8.00V
4.50V
3.50V
3.25V
3.00V
2.50V
BOTTOM
2.25V
≤60μs PULSE WIDTH
Tj = 150°C
2.25V
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 2.7A
VGS = 10V
1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
VGS, Gate-to-Source Voltage (V)
0.01
0.1
1
10
100
TJ = 25°C
TJ = 150°C
VDS = 15V
≤60μs PULSE WIDTH


Similar Part No. - IRLML2030PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML2030PBF IRF-IRLML2030PBF Datasheet
272Kb / 10P
   HEXFETPower MOSFET Load/ System Switch
More results

Similar Description - IRLML2030PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com