Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLML0100PBF-1 Datasheet(PDF) 4 Page - International Rectifier

Part # IRLML0100PBF-1
Description  Compatible with Existing Surface Mount Techniques
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML0100PBF-1 Datasheet(HTML) 4 Page - International Rectifier

  IRLML0100PBF-1_15 Datasheet HTML 1Page - International Rectifier IRLML0100PBF-1_15 Datasheet HTML 2Page - International Rectifier IRLML0100PBF-1_15 Datasheet HTML 3Page - International Rectifier IRLML0100PBF-1_15 Datasheet HTML 4Page - International Rectifier IRLML0100PBF-1_15 Datasheet HTML 5Page - International Rectifier IRLML0100PBF-1_15 Datasheet HTML 6Page - International Rectifier IRLML0100PBF-1_15 Datasheet HTML 7Page - International Rectifier IRLML0100PBF-1_15 Datasheet HTML 8Page - International Rectifier IRLML0100PBF-1_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.irf.com © 2014 International Rectifier Submit Datasheet Feedback
October 27, 2014
IRLML0100PbF-1
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 8. Maximum Safe Operating Area
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
10000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
01
23
45
6
7
QG Total Gate Charge (nC)
0
4
8
12
16
VDS= 80V
VDS= 50V
VDS= 20V
ID= 1.6A
0.4
0.6
0.8
1.0
VSD, Source-to-Drain Voltage (V)
0.01
0.1
1
10
100
TJ = 25°C
TJ = 150°C
VGS = 0V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
TA = 25°C
Tj = 150°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100μsec


Similar Part No. - IRLML0100PBF-1_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML0100PBF IRF-IRLML0100PBF Datasheet
184Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML0100PBF IRF-IRLML0100PBF_15 Datasheet
184Kb / 10P
   Compatible with existing Surface Mount Techniques
More results

Similar Description - IRLML0100PBF-1_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com