Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1490ACPG Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1490ACPG
Description  Complete, Isolated RS-485/RS-422 Data Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1490ACPG Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1490ACPG Datasheet HTML 6Page - Maxim Integrated Products MAX1490ACPG Datasheet HTML 7Page - Maxim Integrated Products MAX1490ACPG Datasheet HTML 8Page - Maxim Integrated Products MAX1490ACPG Datasheet HTML 9Page - Maxim Integrated Products MAX1490ACPG Datasheet HTML 10Page - Maxim Integrated Products MAX1490ACPG Datasheet HTML 11Page - Maxim Integrated Products MAX1490ACPG Datasheet HTML 12Page - Maxim Integrated Products MAX1490ACPG Datasheet HTML 13Page - Maxim Integrated Products MAX1490ACPG Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Complete, Isolated RS-485/RS-422
Data Interface
10
______________________________________________________________________________________
________________________________________________________________Pin Description
Internal Connections. Leave these pins unconnected.
3, 4
3, 4
Logic-Side (nonisolated side) +5V Supply Voltages
1, 2, 8, 10
1, 2, 8, 10
FUNCTION
PIN
D1, D2
VCC1–VCC4
NAME
Shutdown Input. Ground for normal operation. When high, the power oscillator is
disabled.
7
7
Frequency Select Input. If FS = VCC_ or is open, switch frequency is high; if FS
= GND, switch frequency is low. For optimal performance and minimal supply
current, connect FS to VCC_ or leave unconnected.
6
6
Logic-Side Ground. Connect to GND2 (pin 12).
5
5
SD
FS
GND1
Logic-Side (non-isolated side) +5V Supply Voltage
14
Receiver Output. If A > B by 200mV, RO will be low; if A < B by 200mV, RO will
be high. Open collector; must have pullup to VCC_ (Table 1 of Figure 1).
13
Logic-Side Ground. Connect to GND1 (pin 5).
12
12
VCC5
RO
GND2
Receiver Output. If A > B by 200mV, RO will be high; if A < B by 200mV, RO
will be low. Open collector; must have pullup to VCC (Table 2 of Figure 2).
11
Driver-Enable Input. The driver outputs, A and B, are enabled by bringing DE
´
high. The driver outputs are high impedance when DE
´ is low. If the driver out-
puts are enabled, the device functions as a line driver. While the driver outputs
are high impedance, the device functions as a line receiver. Drives internal
LED cathode through a resistor (Table 1 of Figure 1).
11
Driver Input. With DE
´ high (MAX1480A/B/C only), a low on DI´ forces output A
low and output B high. Similarly, a high on DI
´ forces output A high and output
B low. Drives internal LED cathode through a resistor (Table 1 of Figure 1 for
MAX1480A/B/C, Table 2 of Figure 2 for MAX1490A/B).
9
9
RO
DE
DI
Isolated Driver-Input Drive. With DE
´ high (MAX1480A/B/C only), a low on DI´
forces output A low and output B high. Similarly, a high on DI
´ forces output A
high and output B low. Connect to ISO DI IN (on the MAX1480A/B/C only) for
normal operation. Open-collector output; connect a pullup resistor to ISO VCC_
(Table 1 of Figure 1 for MAX1480A/B/C; Table 2 of Figure 2 for MAX1490A/B).
15
19
Isolated Supply Voltage. Connect to ISO VCC1 (pin 26 for MAX1480A/B/C, or
pin 22 for MAX1490A/B).
14
18
Isolated Driver-Enable Drive. The driver outputs, A and B, are enabled by bring-
ing DE
´ high. The driver outputs are high impedance when DE´ is low. If the driv-
er outputs are enabled, the device functions as a line driver. While the driver
outputs are high impedance, the device functions as a line receiver. Open-
collector output; must have pullup to ISO VCC_ and be connected to ISO DE IN
for normal operation (Table 1 of Figure 1).
17
ISO DI DRV
ISO VCC2
ISO DE DRV
Isolated Common. Connect to ISO COM1 (pin 20).
16
Isolated Receiver Output LED. Internal LED anode in MAX1480A/B/C and LED
cathode in MAX1490A/B. Connect to ISO RO DRV through a resistor (Table 1 of
Figure 1 for MAX1480A/B/C; Table 2 of Figure 2 for MAX1490A/B).
13
15
Isolated Common. For MAX1480A/B/C, connect to ISO COM2 (pin 16)
(Figures 1 and 2).
16
20
ISO COM1
ISO COM2
ISO RO LED
MAX1480A/B/C
MAX1490A/B
PINS ON THE NON-ISOLATED SIDE
PINS ON THE ISOLATED RS-485/RS-422 SIDE
PINS ON THE NON-ISOLATED SIDE
PINS ON THE ISOLATED RS-485/RS-422 SIDE


Similar Part No. - MAX1490ACPG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1490A MAXIM-MAX1490A Datasheet
2Mb / 21P
   Complete, Isolated RS-485/RS-422 Data Interface
Rev 5; 5/05
More results

Similar Description - MAX1490ACPG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1480BCPI MAXIM-MAX1480BCPI Datasheet
1Mb / 21P
   Complete, Isolated RS-485/RS-422 Data Interface
Rev 5; 5/05
MAX1480A MAXIM-MAX1480A_05 Datasheet
2Mb / 21P
   Complete, Isolated RS-485/RS-422 Data Interface
Rev 5; 5/05
MAX3480A MAXIM-MAX3480A Datasheet
158Kb / 16P
   Complete, Isolated, 3.3V RS-485/RS-422 Data Interface
Rev 0; 1/96
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
   15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
MAX3480EA MAXIM-MAX3480EA Datasheet
280Kb / 16P
   -15kV ESD-Protected, Isolated, 3.3V RS-485/RS-422 Data Interfaces
Rev 0; 4/01
logo
Littelfuse
SE-485 LITTELFUSE-SE-485 Datasheet
370Kb / 8P
   OPTICALLY ISOLATED RS-232 TO RS-422/485
logo
MPS Industries, Inc.
M6210 MPSIND-M6210 Datasheet
486Kb / 1P
   RS-485/RS-422 INTERFACE PUSH-PULL TRANSFORMERS
M6212 MPSIND-M6212 Datasheet
441Kb / 1P
   RS-485/RS-422 INTERFACE PUSH-PULL TRANSFORMERS
P6201 MPSIND-P6201 Datasheet
483Kb / 1P
   RS-485/RS-422 INTERFACE PUSH-PULL TRANSFORMERS
P6202 MPSIND-P6202 Datasheet
390Kb / 1P
   RS-485/RS-422 INTERFACE PUSH-PULL TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com