Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1489E Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX1489E
Description  ±15kV ESD-Protected, Quad, Low-Power RS-232 Line Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX1489E Datasheet(HTML) 6 Page - Maxim Integrated Products

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
±15kV ESD-Protected, Quad,
Low-Power RS-232 Line Receiver
6
_______________________________________________________________________________________
___________________Chip Topography
TRANSISTOR COUNT: 144
SUBSTRATE CONNECTED TO GND
INPUT D
OUTPUT B
0.096"
(2.438mm)
0.071"
(1.803mm)
GND
OUTPUT D
INPUT C
OUTPUT C
VCC
INPUT B
OUTPUT A
INPUT A


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn