Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1489E Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX1489E
Description  ±15kV ESD-Protected, Quad, Low-Power RS-232 Line Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX1489E Datasheet(HTML) 5 Page - Maxim Integrated Products

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Machine Model
The Machine Model for ESD testing uses a 200pF stor-
age capacitor and zero-discharge resistance. Its objec-
tive is to mimic the stress caused by contact that
occurs with handling and assembly during manufactur-
ing. Of course, all pins (not just RS-232 inputs and out-
puts) require this protection during manufacturing.
Therefore, the Machine Model is less relevant to the I/O
ports than the Human Body Model and IEC1000-4-2.
__________ Applications Information
Use proper layout to ensure other devices on your
board are not damaged in an ESD strike. Currents as
high as 60A can instantaneously pass through the
ground pin, so it is important to minimize the ground-
lead return path to the power supply. A separate return
path to the power supply is recommended. Trace
widths should be greater than 40 mils. VCC must be
bypassed with 0.1µF capacitors as close to the part as
possible to ensure maximum ESD protection.
±15kV ESD-Protected, Quad,
Low-Power RS-232 Line Receiver
_______________________________________________________________________________________
5
CHARGE-CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
150pF
RC 50M to 100M
RD 330Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
tr = 0.7ns to 1ns
30ns
60ns
t
100%
90%
10%
I
Figure 3a. IEC1000-4-2 ESD Test Model
Figure 3b. IEC1000-4-2 ESD Generator Current Waveform


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn