Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1488E Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX1488E
Description  ±15kV ESD-Protected, Quad, Low-Power RS-232 Line Driver
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX1488E Datasheet(HTML) 5 Page - Maxim Integrated Products

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IEC1000-4-2
The IEC1000-4-2 standard covers ESD testing and per-
formance of finished equipment; it does not specifically
refer to integrated circuits. The MAX1488E helps you
design equipment that meets Level 4 (the highest level)
of IEC1000-4-2, without additional ESD-protection com-
ponents.
The major difference between tests done using the
Human Body Model and IEC1000-4-2 is higher peak
current in IEC1000-4-2. Because series resistance is
lower in the IEC1000-4-2 ESD test model (Figure 3a),
the ESD withstand voltage measured to this standard is
generally lower than that measured using the Human
Body Model. Figure 3b shows the current waveform for
the ±6kV IEC1000-4-2 Level 4 ESD Contact-Discharge
test.
The Air-Gap test involves approaching the device with
a charged probe. The Contact-Discharge method con-
nects the probe to the device before the probe is ener-
gized.
Machine Model
The Machine Model for ESD testing uses a 200pF stor-
age capacitor and zero-discharge resistance. Its objec-
tive is to mimic the stress caused by contact that
occurs with handling and assembly during manufactur-
ing. Of course, all pins (not just RS-232 inputs and out-
puts) require this protection during manufacturing.
Therefore, the Machine Model is less relevant to the I/O
ports than the Human Body Model and IEC1000-4-2.
__________Applications Information
Use proper layout to ensure other devices on your
board are not damaged in an ESD strike. Currents as
high as 60A can instantaneously pass into the ground,
so it is important to minimize the ground-lead return
path to the power supply. A separate return path to the
power supply is recommended. Trace widths should be
greater than 40 mils. VCC and VEE must be bypassed
with 0.1µF capacitors as close to the part as possible to
ensure maximum ESD protection.
±15kV ESD-Protected, Quad, Low-Power
RS-232 Line Driver
_______________________________________________________________________________________
5
CHARGE-CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC 1M
RD 1500Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 2a. Human Body ESD Test Model
IP 100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0
0
AMPERES
Figure 2b. Human Body Model Current Waveform
CHARGE-CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
150pF
RC 50M to 100M
RD 330Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 3a. IEC1000-4-2 ESD Test Model
tr = 0.7ns to 1ns
30ns
60ns
t
100%
90%
10%
I
Figure 3b. IEC1000-4-2 ESD Generator Current Waveform


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn