Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1488E Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX1488E
Description  ±15kV ESD-Protected, Quad, Low-Power RS-232 Line Driver
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX1488E Datasheet(HTML) 4 Page - Maxim Integrated Products

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
_______________Detailed Description
The MAX1488E provides ±15kV of ESD protection when
operating or when powered down. After an ESD event,
the MAX1488E will not latch up. Internal slew-rate-limit-
ing circuitry eliminates the need for external capacitors.
The MAX1488E has a guaranteed 120kbps data rate.
Outputs
Tables 1 and 2 describe the output states. The output
voltage level is affected by both the load current and
supply voltage, and is stable over temperature. Refer to
the
Typical Operating Characteristics to see how the
output voltage varies with supply voltage, load capaci-
tance, and temperature.
Table 1. Driver A Functions
Table 2. Driver B–D Functions
Inputs
The driver inputs determine the driver output states
(Tables 1 and 2). Driver inputs B, C, and D have two
inputs. Connect unused inputs to ground or VCC.
±15kV ESD Protection
As with all Maxim devices, ESD-protection structures
are incorporated on all pins to protect against electro-
static discharges encountered during handling and
assembly. The MAX1488E driver outputs have extra
protection against static electricity found in normal
operation. Maxim’s engineers developed state-of-the-
art structures to protect these pins against ESD of
±15kV, without damage. After an ESD event, the
MAX1488E keeps working without latchup.
ESD protection can be tested in various ways; the
transmitter outputs are characterized for protection to
the following:
1) ±15kV using the Human Body Model
2) ±6kV using the Contact-Discharge Method specified
in IEC1000-4-2 (formerly IEC801-2)
3) ±15kV using the Air-Gap Method specified in
IEC1000-4-2 (formerly IEC801-2).
ESD Test Conditions
ESD performance depends on a number of conditions.
Contact Maxim for a reliability report that documents
test setup, methodology, and results.
Human Body Model
Figure 2a shows the Human Body Model, and Figure
2b shows the current waveform it generates when dis-
charged into a low impedance. This model consists of
a 100pF capacitor charged to the ESD voltage of inter-
est, which is then discharged into the test device
through a 1.5k
Ω resistor.
±15kV ESD-Protected, Quad, Low-Power
RS-232 Line Driver
4
_______________________________________________________________________________________
_____________________Pin Description
NAME
FUNCTION
1
VEE
-4.5V to -13.2V Supply Voltage Input
2, 4, 5, 9,
10, 12, 13
INPUT_
Driver Inputs
PIN
3, 6, 8, 11
OUTPUT_
Driver Outputs
7
GND
Ground
14
VCC
+4.5V to +13.2V Supply Voltage Input
tF2
tF1
TPHL
TPLH
tR1
tR2
1.5V
3.0V
0V
0V
DRIVER
INPUT
VOUT
VOH
VOL
3.3V
3.0V
-3.0V
-3.3V
RL
CL
SIGNAL
GENERATOR
Figure 1. Slew-Rate Test Circuit and Timing Diagram
INPUT A
OUTPUTA
HL
LH
INPUT_1
INPUT_2
OUTPUT_
HH
L
LX
H
XL
H


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn