Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1488E Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX1488E
Description  ±15kV ESD-Protected, Quad, Low-Power RS-232 Line Driver
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX1488E Datasheet(HTML) 1 Page - Maxim Integrated Products

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
_______________General Description
The MAX1488E quad, low-power line driver is designed
for EIA/TIA-232, EIA/TIA-562, and CCITT V.28 commu-
nications in harsh environments. Each transmitter out-
put is protected against ±15kV electrostatic discharge
(ESD) shocks. The inputs are TTL and CMOS compati-
ble with minimal loading. The outputs feature internally
controlled slew-rate limiting and current limiting. This
device has a guaranteed 120kbps data rate. Power-
supply current is less than 180µA over a ±4.5V to
±13.2V supply voltage range.
The MAX1488E is pin compatible with the MC1488,
MC14C88, SN75188, SN75C188, DS1488, and
DS14C88. It is available in 14-pin plastic DIP and SO
packages.
________________________Applications
PC Motherboards
Modems
Interface Data Terminal Equipment (DTE) with
Data Circuit-Terminating Equipment (DCE)
Equipment Meeting IEC1000-4-2
(formerly IEC801-2) or ±15kV ESD Protection
____________________________Features
o ESD Protection:
±15kV—Human Body Model
±6kV—IEC801-2, Contact Discharge
±15kV—IEC801-2, Air-Gap Discharge
o Latchup Free, Even During an ESD Event
o Low 85µA Supply Current from IEE or ICC
o Guaranteed 120kbps Data Rate
o No External Capacitors Required for Slew-Rate
Limiting
o Pin Compatible with MC1488, MC14C88, SN75188,
SN75C188, DS1488, and DS14C88
±15kV ESD-Protected, Quad, Low-Power
RS-232 Line Driver
________________________________________________________________
Maxim Integrated Products
1
14
13
12
11
10
9
8
1
2
3
4
5
6
7
VCC
INPUT D1
INPUT D2
OUTPUT D
INPUT C1
INPUT C2
OUTPUT C
VEE
INPUT A
OUTPUT A
INPUT B1
INPUT B2
OUTPUT B
GND
TOP VIEW
MAX1488E
DIP/SO
__________________Pin Configuration
INTERCONNECTING
CABLE
SIGNAL GROUND
TTL/CMOS
LOGIC
PC
MOTHERBOARD
(DTE)
MODEM
(DCE)
TTL/CMOS
LOGIC
14 MAX1488E
14 MAX1489E
14 MAX1489E
14 MAX1488E
__________Typical Operating Circuit
Call toll free 1-800-998-8800 for free samples or literature.
19-2403; Rev 0; 8/95
PART
MAX1488ECPD
MAX1488ECSD
MAX1488EC/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
14 Plastic DIP
14 SO
Dice*
______________Ordering Information
* Dice are specified at TA = +25°C.
MAX1488EEPD
MAX1488EESD
-40°C to +85°C
-40°C to +85°C
14 Plastic DIP
14 SO


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn