Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSSWT02A-V1 Datasheet(PDF) 5 Page - NICHIA CORPORATION

Part # NSSWT02A-V1
Description  rohs compliant
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSWT02A-V1 Datasheet(HTML) 5 Page - NICHIA CORPORATION

  NSSWT02A-V1 Datasheet HTML 1Page - NICHIA CORPORATION NSSWT02A-V1 Datasheet HTML 2Page - NICHIA CORPORATION NSSWT02A-V1 Datasheet HTML 3Page - NICHIA CORPORATION NSSWT02A-V1 Datasheet HTML 4Page - NICHIA CORPORATION NSSWT02A-V1 Datasheet HTML 5Page - NICHIA CORPORATION NSSWT02A-V1 Datasheet HTML 6Page - NICHIA CORPORATION NSSWT02A-V1 Datasheet HTML 7Page - NICHIA CORPORATION NSSWT02A-V1 Datasheet HTML 8Page - NICHIA CORPORATION NSSWT02A-V1 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
NICHIA STS-DA1-3316C <Cat.No.150710>
4
CHROMATICITY DIAGRAM
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.30
0.31
0.32
0.33
0.34
0.35
0.36
0.37
x
sm575da
sm655dc
sm655de
sm503d
sm575de
sm573d
sm655db
sm655da
sm655dd
sm575db
sm575dc
sm505db
sm505dc
sm505da
sm505dd
sm505de
sm505df
sm503
sm575dd
sm575df
sm573
sm655df
6500K
5700K
5000K
Chromaticity Coordinate
at TA=65°C
Chromaticity Coordinate
at TA=25°C
黒体放射軌跡
Blackbody Locus
sm653
sm653d


Similar Part No. - NSSWT02A-V1

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSWT02A NICHIA-NSSWT02A Datasheet
295Kb / 17P
   SPECIFICATIONS FOR WHITE LED
More results

Similar Description - NSSWT02A-V1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com