Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX148ACPP Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX148ACPP
Description  2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX148ACPP Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX148ACPP Datasheet HTML 1Page - Maxim Integrated Products MAX148ACPP Datasheet HTML 2Page - Maxim Integrated Products MAX148ACPP Datasheet HTML 3Page - Maxim Integrated Products MAX148ACPP Datasheet HTML 4Page - Maxim Integrated Products MAX148ACPP Datasheet HTML 5Page - Maxim Integrated Products MAX148ACPP Datasheet HTML 6Page - Maxim Integrated Products MAX148ACPP Datasheet HTML 7Page - Maxim Integrated Products MAX148ACPP Datasheet HTML 8Page - Maxim Integrated Products MAX148ACPP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
IDD
+2.7V to +5.25V, Low-Power, 8-Channel,
Serial 10-Bit ADCs
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
VDD = +2.7V to +5.25V; COM = 0V; fSCLK = 2.0MHz; external clock (50% duty cycle); 15 clocks/conversion cycle (133ksps);
MAX149—4.7µF capacitor at VREF pin; MAX148—external reference, VREF = 2.500 V applied to VREF pin; TA = TMIN to TMAX; unless
otherwise noted.)
V
3.0
VIH
DIN, SCLK, CS Input High Voltage
VDD > 3.6V
mV
±0.3
PSR
Supply Rejection (Note 12)
Full-scale input, external reference = 2.500V,
VDD = 2.7V to 5.25V
pF
15
CIN
DIN, SCLK, CS Input Capacitance
µA
±0.01
±1
IIN
DIN, SCLK, CS Input Leakage
V
0.2
VHYST
DIN, SCLK, CS Input Hysteresis
V
0.8
VIL
DIN, SCLK, CS Input Low Voltage
2.0
µA
±4.0
IS
SHDN Input Current
V
0.4
VSL
SHDN Input Low Voltage
V
VDD - 0.4
VSH
SHDN Input High Voltage
SHDN = 0V or VDD
nA
±100
SHDN Maximum Allowed
Leakage, Mid Input
V
VDD / 2
VFLT
SHDN Voltage, Floating
SHDN = FLOAT
SHDN = FLOAT
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
(Note 10)
VIN = 0V or VDD
VDD ≤ 3.6V
CONDITIONS
µA
±0.01
±10
IL
Three-State Leakage Current
V
VDD - 0.5
VOH
Output Voltage High
V
0.8
VOL
Output Voltage Low
0.4
pF
15
COUT
Three-State Output Capacitance
CS = VDD (Note 10)
CS = VDD
ISOURCE = 0.5mA
ISINK = 16mA
ISINK = 5mA
2.70
5.25
1.2
2.0
Operating mode,
full-scale input (Note 11)
3.5
15
Full power-down
1.2
10
mA
1.6
3.0
V
1.1
VDD - 1.1
VSM
SHDN Input Mid Voltage
Positive Supply Current
VDD
Positive Supply Voltage
V
IDD
µA
30
70
DIGITAL INPUTS (DIN, SCLK, CS, SHDN)
DIGITAL OUTPUTS (DOUT, SSTRB)
POWER REQUIREMENTS
Fast power-down (MAX149)
IDD
VDD = 5.25V
VDD = 3.6V
VDD = 5.25V
VDD = 3.6V


Similar Part No. - MAX148ACPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX148ACPP MAXIM-MAX148ACPP Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 3; 5/09
MAX148ACPP MAXIM-MAX148ACPP Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
MAX148ACPP++ MAXIM-MAX148ACPP+ Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148ACPP++ MAXIM-MAX148ACPP+ Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
More results

Similar Description - MAX148ACPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX148 MAXIM-MAX148_09 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 3; 5/09
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX1242 MAXIM-MAX1242_V01 Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
MAX1248 MAXIM-MAX1248 Datasheet
242Kb / 24P
   2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
Rev 2; 5/98
MAX1242 MAXIM-MAX1242 Datasheet
158Kb / 12P
   2.7V to %.25V, Low-Power, 10-Bit Serial ADCs in SO-8
19-1156; Rev 2; 6/98
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com