Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLHM630PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRLHM630PBF
Description  Battery Operated DC Motor Inverter MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLHM630PBF Datasheet(HTML) 2 Page - International Rectifier

  IRLHM630PBF Datasheet HTML 1Page - International Rectifier IRLHM630PBF Datasheet HTML 2Page - International Rectifier IRLHM630PBF Datasheet HTML 3Page - International Rectifier IRLHM630PBF Datasheet HTML 4Page - International Rectifier IRLHM630PBF Datasheet HTML 5Page - International Rectifier IRLHM630PBF Datasheet HTML 6Page - International Rectifier IRLHM630PBF Datasheet HTML 7Page - International Rectifier IRLHM630PBF Datasheet HTML 8Page - International Rectifier IRLHM630PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRLHM630PbF
2
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
May 29, 2014
D
S
G
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC (Bottom)
Junction-to-Case
f
–––
3.4
RθJC (Top)
Junction-to-Case f
–––
37
°C/W
RθJA
Junction-to-Ambient
g
–––
46
RθJA (<10s)
Junction-to-Ambient g
–––
31
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
ΔΒVDSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
2.1
–––
mV/°C
–––
2.2
3.2
–––
2.5
3.5
–––
3.5
4.5
VGS(th)
Gate Threshold Voltage
0.5
0.8
1.1
V
ΔVGS(th)
Gate Threshold Voltage Coefficient
–––
-3.8
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
140
–––
–––
S
Qg
Total Gate Charge
–––
41
62
VDS = 14V
Qgs
Gate-to-Source Charge
–––
4.6
–––
Qgd
Gate-to-Drain Charge
–––
14
–––
RG
Gate Resistance
–––
2.6
–––
Ω
td(on)
Turn-On Delay Time
–––
9.1
–––
tr
Rise Time
–––
32
–––
td(off)
Turn-Off Delay Time
–––
65
–––
tf
Fall Time
–––
43
–––
Ciss
Input Capacitance
–––
3170
–––
Coss
Output Capacitance
–––
330
–––
Crss
Reverse Transfer Capacitance
–––
250
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.2
V
trr
Reverse Recovery Time
–––
20
30
ns
Qrr
Reverse Recovery Charge
–––
30
45
nC
m
Ω
VDD = 15V, VGS = 4.5V
VGS = 4.5V, ID = 20A e
–––
RG=1.0
Ω
VDS = 10V, ID = 20A
VDS = 24V, VGS = 0V, TJ = 125°C
μA
ID = 20A (See Fig.17 & 18)
ID = 20A
VGS = 0V
VDS = 25V
VDS = 24V, VGS = 0V
TJ = 25°C, IF = 20A, VDD = 10V
See Fig.15
Max.
80
20
di/dt = 400A/μs
TJ = 25°C, IS = 20A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
Conditions
ƒ = 1.0MHz
–––
–––
160
–––
–––
40
h
Typ.
VGS = 12V
VGS = -12V
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 20A e
VDS = VGS, ID = 50μA
VGS = 2.5V, ID = 20A e
RDS(on)
Static Drain-to-Source On-Resistance
MOSFET symbol
nA
ns
A
pF
nC
VGS = 4.5V
–––


Similar Part No. - IRLHM630PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLHM630PBF IRF-IRLHM630PBF Datasheet
266Kb / 8P
   Battery Operated DC Motor Inverter MOSFET
More results

Similar Description - IRLHM630PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLTS6342TRPBF IRF-IRLTS6342TRPBF Datasheet
232Kb / 8P
   Battery operated DC motor inverter MOSFET
IRL6342TRPBF IRF-IRL6342TRPBF Datasheet
273Kb / 8P
   Battery operated DC motor inverter MOSFET
IRL6372PBF IRF-IRL6372PBF Datasheet
278Kb / 8P
   Battery operated DC motor inverter MOSFET
IRFHM830PBF IRF-IRFHM830PBF Datasheet
234Kb / 8P
   Battery Operated DC Motor Inverter MOSFET
IRLHM630PBF IRF-IRLHM630PBF Datasheet
266Kb / 8P
   Battery Operated DC Motor Inverter MOSFET
IRLHM620PBF IRF-IRLHM620PBF_15 Datasheet
236Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
IRF6201PBF IRF-IRF6201PBF_15 Datasheet
252Kb / 9P
   Battery operated DC motor inverter MOSFET
IRFH5300PBF IRF-IRFH5300PBF_15 Datasheet
266Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
IRL6342PBF IRF-IRL6342PBF_15 Datasheet
273Kb / 8P
   BATTERY OPERATED DC MOTOR INVERTER MOSFET
logo
Infineon Technologies A...
IRFHM830PBF INFINEON-IRFHM830PBF_V01 Datasheet
865Kb / 10P
   Battery Operated DC Motor Inverter MOSFET
2021-03-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com