Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1459 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX1459
Description  2-Wire, 4-20mA Smart Signal Conditioner
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1459 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX1459 Datasheet HTML 16Page - Maxim Integrated Products MAX1459 Datasheet HTML 17Page - Maxim Integrated Products MAX1459 Datasheet HTML 18Page - Maxim Integrated Products MAX1459 Datasheet HTML 19Page - Maxim Integrated Products MAX1459 Datasheet HTML 20Page - Maxim Integrated Products MAX1459 Datasheet HTML 21Page - Maxim Integrated Products MAX1459 Datasheet HTML 22Page - Maxim Integrated Products MAX1459 Datasheet HTML 23Page - Maxim Integrated Products MAX1459 Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
placed close to the pressure sensor, can cause exces-
sive errors. Of particular concern is an extremely long
sensor-output settling time.
Nonlinearity Compensation
RTEMP can be used in conjunction with RISRC and
RFTC to compensate for sensor nonlinearity. For more
information on this application, refer to the MAX1459
Reference Manual.
Test System Configuration
The MAX1459 is designed to support an automated
production pressure-temperature test system with inte-
grated calibration and temperature compensation.
Figure 15 shows the implementation concept for a low-
cost test system capable of testing multiple transducer
modules connected in parallel. Three-state outputs on
the MAX1459 allow for parallel connection of transduc-
ers. A digital multiplexer controls the chip-select signal
for each transducer. The test system shown in Figure
15 includes a dedicated test bus consisting of five
wires:
• Two power-supply lines
• One analog output voltage line from the transducers
to a system DVM
• Two serial-interface lines: DIO (input/output) and
SCLK (clock)
MAX1459 Evaluation
____________________________________Development Kit
To expedite the development of MAX1459-based trans-
ducers and test systems, Maxim has produced the
MAX1459 evaluation kit (EV kit). First-time users of
the MAX1459 are strongly encouraged to use this
kit. The MAX1459 EV kit is designed to facilitate manu-
al programming of the MAX1459 and includes the fol-
lowing:
1) Evaluation Board with a silicon pressure sensor.
2-Wire, 4–20mA
Smart Signal Conditioner
20
______________________________________________________________________________________
MAX1459
VDD
VSS
RB
RC
RD
1µF
IDD ~ 3mA
ROFF
AUXILIARY OP AMP
(INTERNAL TO MAX1459)
0.1µF
MAX875
VCC
GND
5V
G
S
D
Q2
100
PN4391
0.1µF
1µF
CF
GND
RSENSE
50
RY
B
E
C
2N2222
Q1
RX
TransZorb™
VIN+
4–20mA
12V–40V
Ci
VIN-
Figure 14. 2-Wire, 4–20mA Circuit
TransZorb is a trademark of General Semiconductor Industries,
Inc.


Similar Part No. - MAX1459

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14590 MAXIM-MAX14590 Datasheet
1Mb / 9P
   High-Current Overvoltage Protectors with Adjustable OVLO
Rev 0; 3/11
MAX14591 MAXIM-MAX14591 Datasheet
950Kb / 13P
   High-Speed, Open-Drain Capable Logic-Level Translator
19-6173; Rev 1; 12/14
MAX14591ETA+T MAXIM-MAX14591ETA+T Datasheet
950Kb / 13P
   High-Speed, Open-Drain Capable Logic-Level Translator
19-6173; Rev 1; 12/14
MAX14591EWA+T MAXIM-MAX14591EWA+T Datasheet
950Kb / 13P
   High-Speed, Open-Drain Capable Logic-Level Translator
19-6173; Rev 1; 12/14
MAX14591 MAXIM-MAX14591_14 Datasheet
950Kb / 13P
   High-Speed, Open-Drain Capable Logic-Level Translator
Rev 1; 12/14
More results

Similar Description - MAX1459

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NV6A ETC1-NV6A Datasheet
185Kb / 2P
   Filtering signal conditioner for sensor signal matching to a 4-20mA, 2-wire interface
logo
Texas Instruments
XTR108 TI-XTR108_15 Datasheet
868Kb / 33P
[Old version datasheet]   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
logo
Burr-Brown (TI)
XTR108 BURR-BROWN-XTR108 Datasheet
497Kb / 27P
   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
XTR108 BURR-BROWN-XTR108_12 Datasheet
901Kb / 32P
   4-20mA, TWO-WIRE TRANSMITTER ?쏶mart??Programmable with Signal Conditioning
logo
List of Unclassifed Man...
MTL5041 ETC1-MTL5041 Datasheet
51Kb / 1P
   REPEATER POWER SUPPLY / 4/20mA, for 2-wire transmitters
logo
Vitesse Semiconductor C...
VSC7104 VITESSE-VSC7104 Datasheet
461Kb / 2P
   Quad Signal Conditioner, Octal Signal Conditioner
logo
Festo Corporation.
544216 FESTO-544216 Datasheet
85Kb / 1P
   Signal conditioner
544218 FESTO-544218 Datasheet
87Kb / 1P
   Signal conditioner
544221 FESTO-544221 Datasheet
88Kb / 1P
   Signal conditioner
544219 FESTO-544219 Datasheet
85Kb / 1P
   Signal conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com