Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1458 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1458
Description  1%-Accurate, Digitally Trimmed Sensor Signal Conditioner
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1458 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1458 Datasheet HTML 1Page - Maxim Integrated Products MAX1458 Datasheet HTML 2Page - Maxim Integrated Products MAX1458 Datasheet HTML 3Page - Maxim Integrated Products MAX1458 Datasheet HTML 4Page - Maxim Integrated Products MAX1458 Datasheet HTML 5Page - Maxim Integrated Products MAX1458 Datasheet HTML 6Page - Maxim Integrated Products MAX1458 Datasheet HTML 7Page - Maxim Integrated Products MAX1458 Datasheet HTML 8Page - Maxim Integrated Products MAX1458 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
FSOTC Compensation
Silicon piezoresistive transducers (PRTs) exhibit a large
positive input resistance tempco (TCR) so that, while
under constant current excitation, the bridge voltage
(VBDRIVE) increases with temperature. This depen-
dence of VBDRIVE on the sensor temperature can be
used to compensate the sensor temperature errors.
PRTs also have a large negative full-span output sensi-
tivity tempco (TCS) so that, with constant voltage exci-
tation, full-span output (FSO) will decrease with
temperature, causing a full-span output temperature
coefficient (FSOTC) error. However, if the bridge volt-
age can be made to increase with temperature at the
same rate that TCS decreases with temperature, the
FSO will remain constant.
FSOTC compensation is accomplished by resistor
RFTC and the FSOTC DAC, which modulate the excita-
tion reference current at ISRC as a function of tempera-
ture (Figure 3). FSO DAC sets VISRC and remains
constant with temperature while the voltage at FSOTC
varies with temperature. FSOTC is the buffered output
of the FSOTC DAC. The reference DAC voltage is
VBDRIVE, which is temperature dependent. The FSOTC
DAC alters the tempco of the current source. When the
tempco of the bridge voltage is equal in magnitude and
opposite in polarity to the TCS, the FSOTC errors are
compensated and FSO will be constant with tempera-
ture.
OFFSET TC Compensation
Compensating offset TC errors involves first measuring
the uncompensated offset TC error, then determining
the percentage of the temperature-dependent voltage
VBDRIVE that must be added to the output summing
junction to correct the error. Use the Offset TC DAC to
adjust the amount of BDRIVE voltage that is added to
the output summing junction (Figure 2).
Analog Signal Path
The fully differential analog signal path consists of four
stages:
• Front-end summing junction for coarse offset correction
• 3-bit PGA with eight selectable gains ranging from
41 through 230
• Three-input-channel summing junction
• Differential to single-ended output buffer (Figure 2)
Coarse Offset Correction
The sensor output is first fed into a differential summing
junction (INM (negative input) and INP (positive input))
with a CMRR > 90dB, an input impedance of approxi-
mately 1M
Ω, and a common-mode input voltage range
from VSS to VDD. At this summing junction, a coarse off-
set-correction voltage is added, and the resultant volt-
age is fed into the PGA. The 3-bit (plus sign)
input-referred Offset DAC (IRO DAC) generates the
coarse offset-correction voltage. The DAC voltage ref-
erence is 1.25% of VDD; thus, a VDD of 5V results in a
front-end offset-correction voltage ranging from -63mV
to +63mV, in 9mV steps (Table 1). To add an offset to
the input signal, set the IRO sign bit high; to subtract an
offset from the input signal, set the IRO sign bit low.
The IRO DAC bits (C2, C1, C0, and IRO sign bit) are
programmed in the configuration register (see
Internal
EEPROM section).
1%-Accurate, Digitally Trimmed
Sensor Signal Conditioner
_______________________________________________________________________________________
5
PRESSURE
PMIN
PMAX
FULL-SCALE (FS)
4.5
0.5
FULL-SPAN OUTPUT (FSO)
OFFSET
Figure 1. Typical Pressure-Sensor Output
SOTC
BDRIVE
1.25% VDD
SOFF
±
±
A2
INP
INM
A1 A0
PGA
Σ
Σ
A = 1
OUT
LIMIT
A = 2.3
A = 2.3
OFFTC
DAC
IRO
DAC
VDD
Offset
DAC
Figure 2. Signal-Path Block Diagram


Similar Part No. - MAX1458

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14585 MAXIM-MAX14585 Datasheet
1Mb / 12P
   Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Rev 0; 5/11
MAX14585AEVB MAXIM-MAX14585AEVB Datasheet
1Mb / 12P
   Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Rev 0; 5/11
MAX14585AEVBT MAXIM-MAX14585AEVBT Datasheet
1Mb / 12P
   Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Rev 0; 5/11
MAX14585EVB MAXIM-MAX14585EVB Datasheet
1Mb / 12P
   Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Rev 0; 5/11
MAX14585EVBT MAXIM-MAX14585EVBT Datasheet
1Mb / 12P
   Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Rev 0; 5/11
More results

Similar Description - MAX1458

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1478 MAXIM-MAX1478 Datasheet
210Kb / 20P
   1% Accurate, Digitally Trimmed,Rail-to-Rail Sensor Signal Conditioner
Rev 0; 9/99
logo
List of Unclassifed Man...
MC01 ETC2-MC01 Datasheet
113Kb / 3P
   Digitally Trimmed Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX1457 MAXIM-MAX1457 Datasheet
93Kb / 12P
   0.1%-Accurate Signal Conditioner for Piezoresistive Sensor Compensation
Rev 1; 8/98
MAX1450 MAXIM-MAX1450 Datasheet
98Kb / 12P
   Low-Cost, 1%-Accurate Signal Conditioner for Piezoresistive Sensors
Rev 0; 5/98
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
   Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
   SENSOR SIGNAL CONDITIONER
logo
Texas Instruments
PGA450-Q1 TI1-PGA450-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   ULTRASONIC-SENSOR SIGNAL CONDITIONER
logo
Renesas Technology Corp
ZSSC5101 RENESAS-ZSSC5101 Datasheet
804Kb / 29P
   xMR Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com