Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1452 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1452
Description  Low-Cost Precision Sensor Signal Conditioner
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1452 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1452 Datasheet HTML 2Page - Maxim Integrated Products MAX1452 Datasheet HTML 3Page - Maxim Integrated Products MAX1452 Datasheet HTML 4Page - Maxim Integrated Products MAX1452 Datasheet HTML 5Page - Maxim Integrated Products MAX1452 Datasheet HTML 6Page - Maxim Integrated Products MAX1452 Datasheet HTML 7Page - Maxim Integrated Products MAX1452 Datasheet HTML 8Page - Maxim Integrated Products MAX1452 Datasheet HTML 9Page - Maxim Integrated Products MAX1452 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Detailed Description
The MAX1452 provides amplification, calibration, and
temperature compensation to enable an overall perfor-
mance approaching the inherent repeatability of the
sensor. The fully analog signal-path introduces no
quantization noise in the output signal while enabling
digitally controlled trimming with the integrated 16-bit
DACs. Offset and span can be calibrated to within
±0.02% of span.
The MAX1452 architecture includes a programmable
sensor excitation, a 16-step programmable-gain ampli-
fier (PGA), a 768-byte (6144 bits) internal EEPROM, four
16-bit DACs, an uncommitted op amp, and an on-chip
temperature sensor.The MAX1452 also provides a
unique temperature compensation strategy for offset
TC and FSOTC that was developed to provide a
remarkable degree of flexibility while minimizing testing
costs.
The customer can select from one to 114 temperature
points to compensate their sensor. This allows the lati-
tude to compensate a sensor with a simple first order
linear correction or match an unusual temperature
curve. Programming up to 114 independent 16-bit EEP-
ROM locations corrects performance in 1.5°C tempera-
ture increments over a range of -40°C to +125°C. For
sensors that exhibit a characteristic temperature perfor-
mance, a select number of calibration points can be
used with a number of preset values that define the
temperature curve. In cases where the sensor is at a
different temperature than the ASIC, the MAX1452 uses
the sensor bridge itself to provide additional tempera-
ture correction.
The single pin, serial Digital Input-Output (DIO) commu-
nication architecture and the ability to timeshare its
activity with the sensor’s output signal enables output
sensing and calibration programming on a single line
by parallel connecting OUT and DIO. The MAX1452
provides a Secure-Lock feature that allows the cus-
tomer to prevent modification of sensor coefficients and
the 52-byte user definable EEPROM data after the sen-
sor has been calibrated. The Secure-Lock feature also
provides a hardware override to enable factory rework
and recalibration by assertion of logic high on the
UNLOCK pin.
The MAX1452 allows complete calibration and sensor
verification to be performed at a single test station.
Once calibration coefficients have been stored in the
ASIC, the customer can choose to retest in order to ver-
ify performance as part of a regular QA audit or to gen-
erate final test data on individual sensors.
The MAX1452’s low current consumption and the inte-
grated uncommitted op amp enables a 4–20mA output
signal format in a sensor that is completely powered
from a 2-wire current loop. Frequency response can be
user-adjusted to values lower than the 3.2kHz band-
width by using the uncommitted op amp and simple
passive components.
The MAX1452 (Figure 1) provides an analog amplifica-
tion path for the sensor signal. It also uses an analog
architecture for first-order temperature correction. A
digitally controlled analog path is then used for nonlin-
ear temperature correction. Calibration and correction
is achieved by varying the offset and gain of a pro-
grammable-gain-amplifier (PGA) and by varying the
sensor bridge excitation current or voltage. The PGA
Low-Cost Precision Sensor
Signal Conditioner
6
_______________________________________________________________________________________
Pin Description (continued)
PIN
NAME
FUNCTION
9VDDF
Positive Supply Voltage for EEPROM. Connect a 0.1
µF capacitor from VDDF to VSS. Connect VDDF
to VDD or for improved noise performance connect a 1k
Ω resistor to VDD.
10
UNLOCK
Secure-Lock Disable. Allows communication to the device.
11
DIO
Digital Input Output. DIO allows communication with the device.
12
CLK1M
1MHz Clock Output. The clock can be shut off by a configuration bit.
13
AMPOUT
Uncommitted Amplifier Output
14
AMP-
Uncommitted Amplifier Negative Input
15
AMP+
Uncommitted Amplifier Positive Input
16
FSOTC
Full Span TC Buffered Output


Similar Part No. - MAX1452

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1452 MAXIM-MAX1452 Datasheet
182Kb / 25P
   Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
MAX1452 MAXIM-MAX1452 Datasheet
1Mb / 25P
   Low-Cost Precision Sensor Signal Conditioner
19-1829; Rev 5; 4/15
MAX14521E MAXIM-MAX14521E Datasheet
403Kb / 20P
   Quad, High-Voltage EL Lamp Driver with I2C Interface
Rev 0; 2/09
MAX14521EETG++ MAXIM-MAX14521EETG+ Datasheet
403Kb / 20P
   Quad, High-Voltage EL Lamp Driver with I2C Interface
Rev 0; 2/09
MAX14521EETG++ MAXIM-MAX14521EETG+ Datasheet
1Mb / 21P
   Quad, High-Voltage EL Lamp Driver with I2C Interface
Rev 2; 1/15
More results

Similar Description - MAX1452

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1452 MAXIM-MAX1452_10 Datasheet
267Kb / 25P
   Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
MAX1452 MAXIM-MAX1452_V01 Datasheet
1Mb / 25P
   Low-Cost Precision Sensor Signal Conditioner
19-1829; Rev 5; 4/15
MAX1452 MAXIM-MAX1452_09 Datasheet
182Kb / 25P
   Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
MAX14550 MAXIM-MAX14550_V01 Datasheet
1Mb / 25P
   Low-Cost Precision Sensor Signal Conditioner
19-2088; Rev 2; 5/14
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010_09 Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX1455 MAXIM-MAX1455 Datasheet
290Kb / 25P
   Low-Cost Automotive Sensor Signal Conditioner
Rev 1; 10/01
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010 Datasheet
128Kb / 4P
   RBicLite Low-Cost Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31010 ETC2-ZSC31010 Datasheet
821Kb / 47P
   RBicLite??Low-Cost Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010_07 Datasheet
456Kb / 38P
   RBicLite Low-Cost Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31010CEG1 ETC2-ZSC31010CEG1 Datasheet
827Kb / 46P
   ZSC31010 RBicLite??Low-Cost Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com