Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1452 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX1452
Description  Low-Cost Precision Sensor Signal Conditioner
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1452 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX1452 Datasheet HTML 8Page - Maxim Integrated Products MAX1452 Datasheet HTML 9Page - Maxim Integrated Products MAX1452 Datasheet HTML 10Page - Maxim Integrated Products MAX1452 Datasheet HTML 11Page - Maxim Integrated Products MAX1452 Datasheet HTML 12Page - Maxim Integrated Products MAX1452 Datasheet HTML 13Page - Maxim Integrated Products MAX1452 Datasheet HTML 14Page - Maxim Integrated Products MAX1452 Datasheet HTML 15Page - Maxim Integrated Products MAX1452 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
DAC registers are loaded from the pre-assigned loca-
tions in the EEPROM.
The ODAC and FSODAC are loaded from the EEPROM
lookup tables using an index pointer that is a function
of temperature. An ADC converts the integrated tem-
perature sensor to an 8-bit value every 1ms. This digi-
tized value is then transferred into the temp-index
register.
The typical transfer function for the temp-index is as fol-
lows:
temp-index = 0.69 Temperature (°C) + 47.58
where temp-index is truncated to an 8-bit integer value.
Typical values for the temp-index register are given in
Table 6.
Note that the EEPROM is byte wide and the registers
that are loaded from EEPROM are 16 bits wide. Thus
each index value points to two bytes in the EEPROM.
Maxim programs all EEPROM locations to FFhex with
the exception of the oscillator frequency setting and
Secure-Lock byte. OSC[2:0] is in the Configuration
Register (Table 3). These bits should be maintained at
the factory preset values. Programming 00hex in the
Secure-Lock byte (CL[7:0] = 00hex), configures the
DIO as an asynchronous serial input for calibration and
test purposes.
Communication Protocol
The DIO serial interface is used for asynchronous serial
data communications between the MAX1452 and a
host calibration test system or computer. The MAX1452
will automatically detect the baud rate of the host com-
puter when the host transmits the initialization
sequence. Baud rates between 4800bps and
38,400bps can be detected and used regardless of the
internal oscillator frequency setting. Data format is
always 1 start bit, 8 data bits, 1 stop bit and no parity.
Communications are only allowed when Secure-Lock is
disabled (i.e., CL[7:0] = 00hex) or the UNLOCK pin is
held high.
Initialization Sequence
Sending the initialization sequence shown below
enables the MAX1452 to establish the baud rate that
initializes the serial port. The initialization sequence is
one byte transmission of 01hex, as follows.
1111111101000000011111111
The first start bit 0 initiates the baud rate synchronization
sequence. The 8 data bits 01hex (LSB first) follow this
and then the stop bit, which is indicated above as a 1,
terminates the baud rate synchronization sequence.
This initialization sequence on DIO should occur after a
period of 1ms after stable power is applied to the
device. This allows time for the power-on reset function
to complete and the DIO pin to be configured by
Secure-Lock or the UNLOCK pin.
Reinitialization Sequence
The MAX1452 allows for relearning the baud rate. The
reinitialization sequence is one byte transmission of
FFhex, as follows.
11111111011111111111111111
When a serial reinitialization sequence is received, the
receive logic resets itself to its power-up state and
waits for the initialization sequence. The initialization
sequence must follow the reinitialization sequence in
order to re-establish the baud rate.
Serial Interface Command Format
All communication commands into the MAX1452 follow
a defined format utilizing an interface register set (IRS).
The IRS is an 8-bit command that contains both an
interface register set data (IRSD) nibble (4-bit) and an
interface register set address (IRSA) nibble (4-bit). All
internal calibration registers and EEPROM locations are
accessed for read and write through this interface reg-
ister set. The IRS byte command is structured as fol-
lows:
IRS[7:0] = IRSD[3:0], IRSA[3:0]
Where:
IRSA[3:0] is the 4-bit interface register set address
and indicates which register receives the data nib-
ble IRSD[3:0].
IRSA[0] is the first bit on the serial interface after the
start bit.
IRSD[3:0] is the 4-bit interface register set data.
IRSD[0] is the fifth bit received on the serial inter-
face after the start bit.
The IRS address decoding is shown in Table 9.
Special Command Sequences
A special command register to internal logic
(CRIL[3:0]) causes execution of special command
sequences within the MAX1452. These command
sequences are listed as CRIL command codes as
shown in Table 10.
Write Examples
A 16-bit write to any of the internal calibration registers
is performed as follows:
Low-Cost Precision Sensor
Signal Conditioner
12
______________________________________________________________________________________


Similar Part No. - MAX1452

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1452 MAXIM-MAX1452 Datasheet
182Kb / 25P
   Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
MAX1452 MAXIM-MAX1452 Datasheet
1Mb / 25P
   Low-Cost Precision Sensor Signal Conditioner
19-1829; Rev 5; 4/15
MAX14521E MAXIM-MAX14521E Datasheet
403Kb / 20P
   Quad, High-Voltage EL Lamp Driver with I2C Interface
Rev 0; 2/09
MAX14521EETG++ MAXIM-MAX14521EETG+ Datasheet
403Kb / 20P
   Quad, High-Voltage EL Lamp Driver with I2C Interface
Rev 0; 2/09
MAX14521EETG++ MAXIM-MAX14521EETG+ Datasheet
1Mb / 21P
   Quad, High-Voltage EL Lamp Driver with I2C Interface
Rev 2; 1/15
More results

Similar Description - MAX1452

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1452 MAXIM-MAX1452_10 Datasheet
267Kb / 25P
   Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
MAX1452 MAXIM-MAX1452_V01 Datasheet
1Mb / 25P
   Low-Cost Precision Sensor Signal Conditioner
19-1829; Rev 5; 4/15
MAX1452 MAXIM-MAX1452_09 Datasheet
182Kb / 25P
   Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
MAX14550 MAXIM-MAX14550_V01 Datasheet
1Mb / 25P
   Low-Cost Precision Sensor Signal Conditioner
19-2088; Rev 2; 5/14
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010_09 Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX1455 MAXIM-MAX1455 Datasheet
290Kb / 25P
   Low-Cost Automotive Sensor Signal Conditioner
Rev 1; 10/01
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010 Datasheet
128Kb / 4P
   RBicLite Low-Cost Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31010 ETC2-ZSC31010 Datasheet
821Kb / 47P
   RBicLite??Low-Cost Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010_07 Datasheet
456Kb / 38P
   RBicLite Low-Cost Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31010CEG1 ETC2-ZSC31010CEG1 Datasheet
827Kb / 46P
   ZSC31010 RBicLite??Low-Cost Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com