Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1446 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1446
Description  10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1446 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1446 Datasheet HTML 7Page - Maxim Integrated Products MAX1446 Datasheet HTML 8Page - Maxim Integrated Products MAX1446 Datasheet HTML 9Page - Maxim Integrated Products MAX1446 Datasheet HTML 10Page - Maxim Integrated Products MAX1446 Datasheet HTML 11Page - Maxim Integrated Products MAX1446 Datasheet HTML 12Page - Maxim Integrated Products MAX1446 Datasheet HTML 13Page - Maxim Integrated Products MAX1446 Datasheet HTML 14Page - Maxim Integrated Products MAX1446 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
10-Bit, 60Msps, 3.0V, Low-Power
ADC with Internal Reference
______________________________________________________________________________________
11
The MAX1446 provides three modes of reference oper-
ation:
Internal reference mode
Buffered external reference mode
Unbuffered external reference mode
In internal reference mode, the internal reference out-
put (REFOUT) can be tied to the REFIN pin through a
resistor (e.g., 10k
Ω) or resistor-divider if an application
requires a reduced full-scale range. For stability pur-
poses, it is recommended to bypass REFIN with a
>10nF capacitor to GND.
In buffered external reference mode, the reference volt-
age levels can be adjusted externally by applying a
stable and accurate voltage at REFIN. In this mode,
REFOUT may be left open or connected to REFIN
through a >10k
Ω resistor.
In unbuffered external reference mode, REFIN is con-
nected to GND, thereby deactivating the on-chip
buffers of REFP, COM, and REFN. With their buffers
shut down, these pins become high impedance and
can be driven by external reference sources.
Clock Input (CLK)
The MAX1446 CLK input accepts CMOS-compatible
clock signals. Since the interstage conversion of the
device depends on the repeatability of the rising and
falling edges of the external clock, use a clock with low
jitter and fast rise and fall times (<2ns). In particular,
sampling occurs on the falling edge of the clock signal,
mandating this edge to provide lowest possible jitter.
Any significant aperture jitter would limit the SNR per-
formance of the ADC as follows:
SNR = 20log (1 / 2
πfINtAJ)
where fIN represents the analog input frequency, and
tAJ is the time of the aperture jitter.
Clock jitter is especially critical for undersampling
applications. The clock input should always be consid-
ered as an analog input and routed away from any ana-
log input or other digital signal lines.
The MAX1446 clock input operates with a voltage
threshold set to VDD/2. Clock inputs with a duty cycle
other than 50% must meet the specifications for high
and low periods as stated in the Electrical Character-
istics. See Figures 3a, 3b, 4a, and 4b for the relation-
ship between spurious-free dynamic range (SFDR),
signal-to-noise ratio (SNR), total harmonic distortion
(THD), or signal-to-noise plus distortion (SINAD) versus
duty cycle.
Output Enable (
OE), Power-Down (PD),
and Output Data (D0–D9)
All data outputs, D0 (LSB) through D9 (MSB), are
TTL/CMOS-logic compatible. There is a 5.5 clock-cycle
latency between any particular sample and its valid
output data. The output coding is straight offset binary
(Table 1). With OE and PD (power-down) high, the digi-
tal output enters a high-impedance state. If OE is held
low with PD high, the outputs are latched at the last
value prior to the power-down.
The capacitive load on the digital outputs D0–D9
should be kept as low as possible (<15pF) to avoid
large digital currents that could feed back into the ana-
log portion of the MAX1446, degrading its dynamic per-
formance. The use of buffers on the ADC’s digital
outputs can further isolate the digital outputs from
heavy capacitive loads.
To further improve the dynamic performance of the
MAX1446 small series resistors (e.g. 100
Ω) may be
added to the digital output paths, close to the ADC.
Figure 5 displays the timing relationship between out-
put enable and data output valid, as well as power-
down/wake-up and data output valid.
System Timing Requirements
Figure 6 shows the relationship between the clock
input, analog input, and data output. The MAX1446
samples at the falling edge of the input clock. Output
data is valid on the rising edge of the input clock. The
output data has an internal latency of 5.5 clock cycles.
Table 1. MAX1446 Output Code for Differential Inputs
DIFFERENTIAL INPUT VOLTAGE*
DIFFERENTIAL INPUT
STRAIGHT OFFSET BINARY
VREF
× 511/512
+Full Scale -1LSB
11 1111 1111
VREF
× 510/512
+Full Scale -2LSB
11 1111 1110
VREF
× 1/512
+1LSB
10 0000 0001
0
Bipolar Zero
10 0000 0000
- VREF
× 1/512
-1LSB
01 1111 1111
- VREF
× 511/512
Negative Full Scale + 1LSB
00 0000 0001
- VREF
× 512/512
Negative Full Scale
00 0000 0000
*VREFIN = VREFP = VREFN


Similar Part No. - MAX1446

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1446 MAXIM-MAX1446 Datasheet
250Kb / 20P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 4; 11/08
MAX1446-07 MAXIM-MAX1446-07 Datasheet
377Kb / 22P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 3; 11/07
MAX1446EHJ++ MAXIM-MAX1446EHJ+ Datasheet
377Kb / 22P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 3; 11/07
MAX1446EHJ++ MAXIM-MAX1446EHJ+ Datasheet
250Kb / 20P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 4; 11/08
MAX1446GHJ++ MAXIM-MAX1446GHJ+ Datasheet
377Kb / 22P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 3; 11/07
More results

Similar Description - MAX1446

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1446-07 MAXIM-MAX1446-07 Datasheet
377Kb / 22P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 3; 11/07
MAX1446 MAXIM-MAX1446_08 Datasheet
250Kb / 20P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 4; 11/08
MAX1444 MAXIM-MAX1444 Datasheet
401Kb / 20P
   10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 1; 11/03
MAX1444 MAXIM-MAX1444_V01 Datasheet
283Kb / 20P
   10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
2010
MAX1448 MAXIM-MAX1448 Datasheet
553Kb / 21P
   10-Bit, 80Msps, Single 3.0V, Low-Power ADC with Internal Reference
Rev 2; 5/04
MAX1420 MAXIM-MAX1420 Datasheet
313Kb / 17P
   12-Bit, 60Msps, 3.3V, Low-Power ADC with Internal Reference
19-1981; Rev 0; 5/01
MAX1197 MAXIM-MAX1197 Datasheet
544Kb / 22P
   Dual, 8-Bit, 60Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2002
logo
NXP Semiconductors
TDA8763 PHILIPS-TDA8763 Datasheet
174Kb / 24P
   10-bit high-speed low-power ADC with internal reference regulator
1999 Jan 06
TDA8764 PHILIPS-TDA8764 Datasheet
164Kb / 28P
   10-bit high-speed low-power ADC with internal reference regulator
1999 Jan 12
logo
Maxim Integrated Produc...
MAX1449 MAXIM-MAX1449 Datasheet
603Kb / 18P
   10-Bit, 105Msps, Single 3.3V, Low-Power ADC with Internal Reference
Rev 0; 10/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com