Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1446 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1446
Description  10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1446 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1446 Datasheet HTML 4Page - Maxim Integrated Products MAX1446 Datasheet HTML 5Page - Maxim Integrated Products MAX1446 Datasheet HTML 6Page - Maxim Integrated Products MAX1446 Datasheet HTML 7Page - Maxim Integrated Products MAX1446 Datasheet HTML 8Page - Maxim Integrated Products MAX1446 Datasheet HTML 9Page - Maxim Integrated Products MAX1446 Datasheet HTML 10Page - Maxim Integrated Products MAX1446 Datasheet HTML 11Page - Maxim Integrated Products MAX1446 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
10-Bit, 60Msps, 3.0V, Low-Power
ADC with Internal Reference
8
_______________________________________________________________________________________
5
4
3
7
6
8
-40
10
-15
35
60
85
DIGITAL SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
fIN = 7.5MHz
3.0
2.5
2.0
4.0
3.5
4.5
5.0
2.70
3.00
2.85
3.15
3.30
3.45
3.60
ANALOG POWER-DOWN CURRENT
vs. ANALOG POWER SUPPLY
VDD (V)
OE = OVDD,
PD = VDD
2
0
6
4
8
10
1.2
1.8
2.4
3.0
3.6
DIGITAL POWER-DOWN CURRENT
vs. DIGITAL POWER SUPPLY
OVDD (V)
PD = VDD,
OE = OVDD
56
50
68
62
74
80
50
54
58
62
70
66
SFDR, SNR, THD, SINAD
vs. CLOCK FREQUENCY
CLOCK FREQUENCY (MHz)
fIN = 20MHz
THD
SFDR
SINAD
SNR
2.02
2.00
2.06
2.04
2.08
2.10
2.70
2.85
3.00
3.15
3.30
3.45
3.60
INTERNAL REFERENCE VOLTAGE
vs. ANALOG SUPPLY VOLTAGE
VDD (V)
2.02
2.00
2.06
2.04
2.08
2.10
-40
-15
10
35
60
85
INTERNAL REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
0
20000
40000
60000
80000
100000
120000
140000
160000
N-2
N-1
N
N+1
N+2
0
926
129421
725
0
OUTPUT NOISE HISTOGRAM (DC INPUT)
DIGITAL OUTPUT CODE
Typical Operating Characteristics (continued)
(VDD = 3.0V, OVDD = 2.7V, internal reference, differential input at -0.5dBFS, fCLK = 62.35MHz, CL
≈ 10pF, TA = +25°C,
unless otherwise noted.)


Similar Part No. - MAX1446

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1446 MAXIM-MAX1446 Datasheet
250Kb / 20P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 4; 11/08
MAX1446-07 MAXIM-MAX1446-07 Datasheet
377Kb / 22P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 3; 11/07
MAX1446EHJ++ MAXIM-MAX1446EHJ+ Datasheet
377Kb / 22P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 3; 11/07
MAX1446EHJ++ MAXIM-MAX1446EHJ+ Datasheet
250Kb / 20P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 4; 11/08
MAX1446GHJ++ MAXIM-MAX1446GHJ+ Datasheet
377Kb / 22P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 3; 11/07
More results

Similar Description - MAX1446

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1446-07 MAXIM-MAX1446-07 Datasheet
377Kb / 22P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 3; 11/07
MAX1446 MAXIM-MAX1446_08 Datasheet
250Kb / 20P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 4; 11/08
MAX1444 MAXIM-MAX1444 Datasheet
401Kb / 20P
   10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 1; 11/03
MAX1444 MAXIM-MAX1444_V01 Datasheet
283Kb / 20P
   10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
2010
MAX1448 MAXIM-MAX1448 Datasheet
553Kb / 21P
   10-Bit, 80Msps, Single 3.0V, Low-Power ADC with Internal Reference
Rev 2; 5/04
MAX1420 MAXIM-MAX1420 Datasheet
313Kb / 17P
   12-Bit, 60Msps, 3.3V, Low-Power ADC with Internal Reference
19-1981; Rev 0; 5/01
MAX1197 MAXIM-MAX1197 Datasheet
544Kb / 22P
   Dual, 8-Bit, 60Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2002
logo
NXP Semiconductors
TDA8763 PHILIPS-TDA8763 Datasheet
174Kb / 24P
   10-bit high-speed low-power ADC with internal reference regulator
1999 Jan 06
TDA8764 PHILIPS-TDA8764 Datasheet
164Kb / 28P
   10-bit high-speed low-power ADC with internal reference regulator
1999 Jan 12
logo
Maxim Integrated Produc...
MAX1449 MAXIM-MAX1449 Datasheet
603Kb / 18P
   10-Bit, 105Msps, Single 3.3V, Low-Power ADC with Internal Reference
Rev 0; 10/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com