Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1444 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX1444
Description  10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX1444 Datasheet(HTML) 6 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
10-Bit, 40Msps, 3.0V, Low-Power
ADC with Internal Reference
6
_______________________________________________________________________________________
-100
-70
-80
-90
-50
-60
-10
-20
-30
-40
0
0
2
4
6
8
10 12 141618 20
ANALOG INPUT FREQUENCY (MHz)
SINAD = 59dB
SNR = 59.3dB
THD = -71.6dBc
SFDR = 73dBc
FFT PLOT (fIN = 7.51MHz,
8192-POINT FFT, DIFFERENTIAL INPUT)
3RD HARMONIC
2ND HARMONIC
-100
-70
-80
-90
-50
-60
-10
-20
-30
-40
0
0
2
4
6
8
10 12 141618 20
ANALOG INPUT FREQUENCY (MHz)
SINAD = 58.9dB
SNR = 59.1dB
THD = -72.8dBc
SFDR = 75.2dBc
FFT PLOT (fIN = 19.91MHz,
8192-POINT FFT, DIFFERENTIAL INPUT)
3RD HARMONIC
2ND HARMONIC
-100
-70
-80
-90
-50
-60
-10
-20
-30
-40
0
0
5
10
15
20
25
FFT PLOT (fIN = 47MHz,
8192-POINT FFT, DIFFERENTIAL INPUT)
ANALOG INPUT FREQUENCY (MHz)
SINAD = 58.1dB
SNR = 58.4dB
THD = -69.7dBc
SFDR = 72.4dBc
3RD HARMONIC
2ND HARMONIC
-100
-70
-80
-90
-50
-60
-10
-20
-30
-40
0
0
2
4
6
8
10 12 141618 20
ANALOG INPUT FREQUENCY (MHz)
SINAD = 59.7dB
SNR = 60dB
THD = -71.8dBc
SFDR = 75dBc
FFT PLOT (fIN = 7.51MHz,
8192-POINT FFT, SINGLE-ENDED INPUT)
3RD HARMONIC
2ND HARMONIC
-100
-70
-80
-90
-50
-60
-10
-20
-30
-40
0
0
2
4
6
8
10 12 141618 20
ANALOG INPUT FREQUENCY (MHz)
SINAD = 59.1dB
SNR = 59.2dB
THD = -74.6dBc
SFDR = 77.6dBc
FFT PLOT (fIN = 19.91MHz,
8192-POINT FFT, SINGLE-ENDED INPUT)
3RD HARMONIC
2ND HARMONIC
6
1
100
1000
FULL-POWER INPUT BANDWIDTH vs.
ANALOG INPUT FREQUENCY (SINGLE ENDED)
-6
-8
-4
-2
0
2
4
ANALOG INPUT FREQUENCY (MHz)
10
6
1
100
1000
SMALL-SIGNAL INPUT BANDWIDTH
vs. ANALOG INPUT FREQUENCY (SINGLE ENDED)
-6
-8
-4
-2
0
2
4
ANALOG INPUT FREQUENCY (MHz)
10
VIN = 100mVp-p
-100
-70
-80
-90
-50
-60
-10
-20
-30
-40
0
0
5
10
15
20
25
ANALOG INPUT FREQUENCY (MHz)
TWO-TONE INTERMODULATION
8192-POINT IMD (DIFFERENTIAL INPUT)
f1 = 11.5MHz AT
-6.5dB FS
f2 = 13.5MHz AT
-6.5dB FS
IMD = -76dBc
80
40
1
10
100
SPURIOUS-FREE DYNAMIC RANGE
vs. ANALOG INPUT FREQUENCY
50
45
ANALOG INPUT FREQUENCY (MHz)
60
55
65
70
75
SINGLE ENDED
DIFFERENTIAL
Typical Operating Characteristics
(VDD = 3.0V, OVDD = 2.7V, internal reference, differential input at -0.5dB FS, fCLK = 40MHz, CL
≈ 10pF, TA = +25°C, unless other-
wise noted.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn