Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX144 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX144
Description  2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX144 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX144 Datasheet HTML 3Page - Maxim Integrated Products MAX144 Datasheet HTML 4Page - Maxim Integrated Products MAX144 Datasheet HTML 5Page - Maxim Integrated Products MAX144 Datasheet HTML 6Page - Maxim Integrated Products MAX144 Datasheet HTML 7Page - Maxim Integrated Products MAX144 Datasheet HTML 8Page - Maxim Integrated Products MAX144 Datasheet HTML 9Page - Maxim Integrated Products MAX144 Datasheet HTML 10Page - Maxim Integrated Products MAX144 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
_______________Detailed Description
The MAX144/MAX145 analog-to-digital converters
(ADCs) use a successive-approximation conversion
(SAR) technique and on-chip track-and-hold (T/H)
structure to convert an analog signal to a serial 12-bit
digital output data stream.
This flexible serial interface provides easy interface to
microprocessors (µPs). Figure 2 shows a simplified
functional diagram of the internal architecture for both
the MAX144 (2 channels, single-ended) and the MAX145
(1 channel, pseudo-differential).
Analog Inputs: Single-Ended (MAX144)
and Pseudo-Differential (MAX145)
The sampling architecture of the ADC’s analog com-
parator is illustrated in the equivalent input circuit of
Figure 3. In single-ended mode (MAX144), both chan-
nels CH0 and CH1 are referred to GND and can be
connected to two different signal sources. Following the
power-on reset, the ADC is set to convert CH0. After
CH0 has been converted, CH1 will be converted and
the conversions will continue to alternate between
channels. Channel switching is performed by toggling
the CS/SHDN pin. Conversions can be performed on
the same channel by toggling CS/SHDN twice between
conversions. If only one channel is required, CH0 and
CH1 may be connected together; however, the output
data will still contain the channel identification bit
(before the MSB).
For the MAX145, the input channels form a single differ-
ential channel pair (CH+, CH-). This configuration is
pseudo-differential to the effect that only the signal at
IN+ is sampled. The return side IN- must remain stable
within ±0.5LSB (±0.1LSB for optimum results) with
respect to GND during a conversion. To accomplish
this, connect a 0.1µF capacitor from IN- to GND.
During the acquisition interval, the channel selected as
the positive input (IN+) charges capacitor CHOLD. The
acquisition interval spans from when CS/SHDN falls to
the falling edge of the second clock cycle (external
clock mode) or from when CS/SHDN falls to the first
falling edge of SCLK (internal clock mode). At the end
of the acquisition interval, the T/H switch opens, retain-
ing charge on CHOLD as a sample of the signal at IN+.
The conversion interval begins with the input multiplex-
er switching CHOLD from the positive input (IN+) to the
negative input (IN-). This unbalances node ZERO at the
comparator’s positive input.
+2.7V, Low-Power, 2-Channel, 108ksps,
Serial 12-Bit ADCs in 8-Pin µMAX
_______________________________________________________________________________________
7
6k
CL
DOUT
a) HIGH-Z TO V0H, V0L TO V0H, AND VOH TO HIGH-Z
6k
CL
DOUT
GND
GND
VDD
b) HIGH-Z TO V0L, V0H TO V0L, AND VOL TO HIGH-Z
Figure 1. Load Circuits for Enable and Disable Time
MAX144
MAX145
12-BIT
SAR
ADC
SCLK
( ) ARE FOR MAX145
IN
OUT
ANALOG
INPUT
MUX
(2 CHANNEL)
CH0
(CH+)
CH1
(CH-)
REF
T/H
CONTROL
LOGIC
SCLK
CS/SHDN
INTERNAL
CLOCK
OUTPUT
REGISTER
DOUT
Figure 2. Simplified Functional Diagram
CH0
(CH+)
CH1
(CH-)
( ) ARE FOR MAX145
SINGLE-ENDED MODE: CH0, CH1 = IN+; GND = IN-
DIFFERENTIAL-ENDED MODE: CH+ = IN+; CH- = IN-
RIN
9k
ZERO
REF
GND
TRACK
HOLD
COMPARATOR
TO SAR
T/H
CHOLD
16pF
INPUT
MUX
12-BIT CAPACITIVE DAC
CSWITCH
CONTROL LOGIC
MAX144
MAX145
Figure 3. Analog Input Channel Structure


Similar Part No. - MAX144

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX144 MAXIM-MAX144 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX1441 MAXIM-MAX1441 Datasheet
1Mb / 41P
   Automotive, Two-Channel Proximity and Touch Sensor
Rev 0; 7/10
MAX1441EVSYS MAXIM-MAX1441EVSYS Datasheet
3Mb / 29P
   Adaptive Firmware Source Code Included
Rev 1; 1/11
MAX1441EVSYS++ MAXIM-MAX1441EVSYS+ Datasheet
3Mb / 29P
   Adaptive Firmware Source Code Included
Rev 1; 1/11
MAX1441GUP/V++ MAXIM-MAX1441GUP/V+ Datasheet
1Mb / 41P
   Automotive, Two-Channel Proximity and Touch Sensor
Rev 0; 7/10
More results

Similar Description - MAX144

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX1036 MAXIM-MAX1036 Datasheet
427Kb / 22P
   2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
19-2442; Rev 1; 10/02
MAX1246 MAXIM-MAX1246_07 Datasheet
260Kb / 25P
   2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
Rev 2; 10/01
MAX1246 MAXIM-MAX1246 Datasheet
223Kb / 24P
   2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
19-1071; Rev 1; 3/97
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com