Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1425 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1425
Description  10-Bit, 20Msps ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1425 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1425 Datasheet HTML 8Page - Maxim Integrated Products MAX1425 Datasheet HTML 9Page - Maxim Integrated Products MAX1425 Datasheet HTML 10Page - Maxim Integrated Products MAX1425 Datasheet HTML 11Page - Maxim Integrated Products MAX1425 Datasheet HTML 12Page - Maxim Integrated Products MAX1425 Datasheet HTML 13Page - Maxim Integrated Products MAX1425 Datasheet HTML 14Page - Maxim Integrated Products MAX1425 Datasheet HTML 15Page - Maxim Integrated Products MAX1425 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
10-Bit, 20Msps ADC
______________________________________________________________________________________
13
octal D-latched flip-flop (74ALS374), or use octal
buffers such as the 74ALS541.
Typical Application Using an
External Reference
Figure 7 depicts an application circuit that shuts down
the internal reference, allowing an external reference to
be used for selecting a different common-mode volt-
age. This added flexibility also allows for ratiometric
conversions, as well as for calibration.
Using Transformer Coupling
A small transformer (Figure 8) provides isolation and
AC-coupling to the ADC’s input. Connecting the trans-
former’s center tap to CML provides a +2.25VDC level
shift to the input. Transformer coupling reduces the
need for high-speed op amps, thereby reducing cost.
Although a 1:1 transformer is shown, a step-up trans-
former may be selected to reduce the drive require-
ments.
Single-Ended DC-Coupled Input Signal
Figure 9 shows an AC-coupled, single-ended applica-
tion. The MAX4108 quad op amp provides high speed,
high bandwidth, low noise, and low distortion to main-
tain the integrity of the input signal.
4.5k
CMLP
INP
INN
CMLN
4.5k
TO T/H INPUT
5.5k
5.5k
Figure 6. Analog Input DC Bias Circuit
Figure 7. Using an External Reference for REFP, REFN, and CML (internal reference shut down)
MAX1425
REFIN
REFN
R
50
R
R
R
R
+1V
R
50
50
R
R
VDD
VDD
2
CML
0.1
µF
0.1
µF
0.1
µF
AGND
VDD
2
VDD
2
VDD
4
VDD
4
MAX4284
MAX4284
( )
VDD
2
- 1V
(
)
REFP
VDD
2
+ 1V
(
)


Similar Part No. - MAX1425

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1425 MAXIM-MAX1425 Datasheet
183Kb / 16P
   10-Bit, 20Msps ADC Separate Digital Supply Input for 3V Logic Compatibility
Rev 1; 7/11
MAX1425CAI MAXIM-MAX1425CAI Datasheet
183Kb / 16P
   10-Bit, 20Msps ADC Separate Digital Supply Input for 3V Logic Compatibility
Rev 1; 7/11
MAX1425EAI MAXIM-MAX1425EAI Datasheet
183Kb / 16P
   10-Bit, 20Msps ADC Separate Digital Supply Input for 3V Logic Compatibility
Rev 1; 7/11
MAX1425 MAXIM-MAX1425_11 Datasheet
183Kb / 16P
   10-Bit, 20Msps ADC Separate Digital Supply Input for 3V Logic Compatibility
Rev 1; 7/11
More results

Similar Description - MAX1425

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1160 MAXIM-MAX1160 Datasheet
76Kb / 8P
   10-Bit, 20Msps, TTL-Output ADC
19-1189; Rev 0; 3/97
logo
Linear Technology
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2201 LINER-LTC2201 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
logo
Maxim Integrated Produc...
MAX1171 MAXIM-MAX1171 Datasheet
87Kb / 12P
   12-Bit, 20Msps, TTL-Output ADC
19-1133; Rev 0; 10/96
logo
Linear Technology
LTC2159 LINER-LTC2159 Datasheet
520Kb / 32P
   16-Bit, 20Msps Low Power ADC
LTC2269 LINER-LTC2269_15 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2159 LINER-LTC2159_15 Datasheet
525Kb / 32P
   16-Bit, 20Msps Low Power ADC
LTC2269 LINER-LTC2269 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2270 LINER-LTC2270 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC2270 LINER-LTC2270_15 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com