Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFCLJ108B-M2 Datasheet(PDF) 11 Page - NICHIA CORPORATION

Part # NFCLJ108B-M2
Description  Built-in ESD Protection Device
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFCLJ108B-M2 Datasheet(HTML) 11 Page - NICHIA CORPORATION

Back Button NFCLJ108B-M2 Datasheet HTML 7Page - NICHIA CORPORATION NFCLJ108B-M2 Datasheet HTML 8Page - NICHIA CORPORATION NFCLJ108B-M2 Datasheet HTML 9Page - NICHIA CORPORATION NFCLJ108B-M2 Datasheet HTML 10Page - NICHIA CORPORATION NFCLJ108B-M2 Datasheet HTML 11Page - NICHIA CORPORATION NFCLJ108B-M2 Datasheet HTML 12Page - NICHIA CORPORATION NFCLJ108B-M2 Datasheet HTML 13Page - NICHIA CORPORATION NFCLJ108B-M2 Datasheet HTML 14Page - NICHIA CORPORATION NFCLJ108B-M2 Datasheet HTML 15Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
NICHIA STS-DA1-3391A <Cat.No.150511>
10
OPTICAL CHARACTERISTICS
NFCLJ108B-M2
管理番号
No. STS-DA7-6748
Spectrum
0.0
0.2
0.4
0.6
0.8
1.0
400
450
500
550
600
650
700
750
800
相対照度
Relative Illuminance(a.u.)
Directivity1
90°
80°
70°
60°
50°
40°
30°
20°
10°
-10°
-20°
-30°
-40°
-50°
-60°
-70°
-80°
-90°
発光スペクトル
Spectrum
波長
Wavelength(nm)
指向特性
Directivity
1
0.5
0
0.5
1
860mA
IFP=
T
A=25°C
860mA
IFP=
T
A=25°C
* 本特性は参考です。
All characteristics shown are for reference only and are not guaranteed.


Similar Part No. - NFCLJ108B-M2

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NFCLJ108B-M3 NICHIA-NFCLJ108B-M3 Datasheet
386Kb / 17P
   Built-in ESD Protection Device
NFCLJ108B-M7 NICHIA-NFCLJ108B-M7 Datasheet
385Kb / 17P
   Built-in ESD Protection Device
More results

Similar Description - NFCLJ108B-M2

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NFCLL036B-M3 NICHIA-NFCLL036B-M3 Datasheet
414Kb / 17P
   Built-in ESD Protection Device
NC2W170B NICHIA-NC2W170B Datasheet
346Kb / 18P
   Built-in ESD Protection Device
NTCWS024B-M2 NICHIA-NTCWS024B-M2 Datasheet
493Kb / 17P
   Built-in ESD Protection Device
NVCWL024Z NICHIA-NVCWL024Z Datasheet
495Kb / 26P
   Built-in ESD Protection Device
NVELJ048Z-M2 NICHIA-NVELJ048Z-M2 Datasheet
403Kb / 17P
   Built-in ESD Protection Device
NF2W385AR NICHIA-NF2W385AR Datasheet
518Kb / 24P
   Built-in ESD Protection Device
NFCLJ108B-V1M2 NICHIA-NFCLJ108B-V1M2 Datasheet
468Kb / 18P
   Built-in ESD Protection Device
NFCWL036B-V1 NICHIA-NFCWL036B-V1 Datasheet
659Kb / 27P
   Built-in ESD Protection Device
NCSE219B-V1 NICHIA-NCSE219B-V1 Datasheet
459Kb / 18P
   Built-in ESD Protection Device
NCSG219B-V1 NICHIA-NCSG219B-V1 Datasheet
450Kb / 18P
   Built-in ESD Protection Device
NFCWJ108B-V1M3 NICHIA-NFCWJ108B-V1M3 Datasheet
468Kb / 18P
   Built-in ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com