Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCS-3063 Datasheet(PDF) 1 Page - Level One

Part # FCS-3063
Description  Fixed Dome Network Camera
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FCS-3063 Datasheet(HTML) 1 Page - Level One

  FCS-3063 Datasheet HTML 1Page - Level One FCS-3063 Datasheet HTML 2Page - Level One FCS-3063 Datasheet HTML 3Page - Level One FCS-3063 Datasheet HTML 4Page - Level One FCS-3063 Datasheet HTML 5Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FCS-3063 하드웨어 버전: 1
Fixed Dome Network Camera, 5-Megapixel, PoE
802.3af, Day & Night, IR LEDs, WDR
Key Features
- 5-메가픽셀 (2592 x 1944) 고해상도
- 매우 밝거나 어두운 환경에서도 잘 보이도록 하는 WDR(넓은 동적 범위) 기능
- 최대 30 m까지 야간 투시가 가능한 내장 적외선 LED
- 주간 및 야간 영상 감시용 탈착식 IR-컷 필터
- 압축: H.264/MJPEG
- Power support: PoE (IEEE 802.3af)
- 무료 64-채널 모니터링 서비스 포함(OneSecure App 지원)
제품사양
System Specifications
Standards & Protocols:
IEEE 802.3 10-BASE-T, Ethernet
IEEE 802.3u 100-BASE-TX, Fast Ethernet
IEEE 802.3af Power over Ethernet (PoE)
IEEE 802.1X Network Access Control
TCP, UDP, HTTP, HTTPS, DHCP, PPPoE, RTP, RTSP, IPv6, DNS, DDNS, NTP, ICMP, ARP, IGMP, SMTP, FTP,
UPnP, SNMP, Bonjour
www.level1.com
Page 1 of 5


Similar Part No. - FCS-3063

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-3063 LVL1-FCS-3063 Datasheet
723Kb / 5P
   Fixed Dome IP Network Camera
FCS-3063 LVL1-FCS-3063_18 Datasheet
723Kb / 5P
   Fixed Dome IP Network Camera
More results

Similar Description - FCS-3063

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-3072 LVL1-FCS-3072 Datasheet
580Kb / 4P
   Fixed Dome Network Camera
FCS-3053 LVL1-FCS-3053 Datasheet
683Kb / 4P
   Fixed Dome Network Camera
FCS-3082 LVL1-FCS-3082 Datasheet
898Kb / 5P
   Fixed Dome Network Camera
FCS-3083 LVL1-FCS-3083 Datasheet
1Mb / 5P
   Fixed Dome Network Camera
FCS-3102 LVL1-FCS-3102 Datasheet
147Kb / 4P
   Fixed Dome Network Camera
FCS-3054 LVL1-FCS-3054 Datasheet
567Kb / 4P
   Fixed Dome Network Camera
FCS-3064 LVL1-FCS-3064 Datasheet
913Kb / 5P
   Fixed Dome Network Camera
FCS-3055 LVL1-FCS-3055 Datasheet
1Mb / 5P
   Fixed Dome Network Camera
FCS-3056 LVL1-FCS-3056 Datasheet
611Kb / 4P
   Fixed Dome Network Camera
FCS-3065 LVL1-FCS-3065_18 Datasheet
492Kb / 4P
   Fixed Dome IP Network Camera,
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com