Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1419 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX1419
Description  15-Bit, 65Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1419 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX1419 Datasheet HTML 8Page - Maxim Integrated Products MAX1419 Datasheet HTML 9Page - Maxim Integrated Products MAX1419 Datasheet HTML 10Page - Maxim Integrated Products MAX1419 Datasheet HTML 11Page - Maxim Integrated Products MAX1419 Datasheet HTML 12Page - Maxim Integrated Products MAX1419 Datasheet HTML 13Page - Maxim Integrated Products MAX1419 Datasheet HTML 14Page - Maxim Integrated Products MAX1419 Datasheet HTML 15Page - Maxim Integrated Products MAX1419 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
15-Bit, 65Msps ADC with -79.3dBFS
Noise Floor for Baseband Applications
12
______________________________________________________________________________________
Applications Information
Differential, AC-Coupled Clock Input
The clock inputs to the MAX1419 are designed to be
driven with an AC-coupled differential signal, and best
performance is achieved under these conditions.
However, it is often the case that the available clock
source is single ended. Figure 5 demonstrates one
method for converting a single-ended clock signal into
a differential signal through a transformer. In this exam-
ple, the transformer turns ratio from the primary to sec-
ondary side is 1:1.414. The impedance ratio from
primary to secondary is the square of the turns ratio, or
1:2, so that terminating the secondary side with a 100
differential resistance results in a 50
Ω load looking into
the primary side of the transformer. The termination
resistor in this example comprises the series combina-
tion of two 50
Ω resistors with their common node AC-
coupled to ground. Alternatively, a single 100
Ω resistor
across the two inputs with no common-mode connec-
tion could be employed.
In the example of Figure 5, the secondary side of the
transformer is coupled directly to the clock inputs.
Since the clock inputs are self-biasing, the center tap of
the transformer must be AC-coupled to ground or left
floating. If the center tap of the secondary were DC-
coupled to ground, then it would be necessary to add
blocking capacitors in series with the clock inputs.
Clock jitter is generally improved if the clock signal has
a high slew rate at the time of its zero crossing.
Therefore, if a sinusoidal source is used to drive the
clock inputs, it is desirable that the clock amplitude be
as large as possible to maximize the zero-crossing
slew rate. The back-to-back Schottky diodes shown in
Figure 5 are not required as long as the input signal is
held to 3VP-P differential or less. If a larger amplitude
signal is provided (to maximize the zero-crossing slew
rate), then the diodes serve to limit the differential sig-
nal swing at the clock inputs.
Any differential mode noise coupled to the clock inputs
translates to clock jitter and degrades the SNR perfor-
mance of the MAX1419. Any differential mode coupling
of the analog input signal into the clock inputs results in
harmonic distortion. Consequently, it is important that
the clock lines be well isolated from the analog signal
input and from the digital outputs. See the PC Board
Layout Considerations sections for more discussion on
noise coupling.
Differential, AC-Coupled Analog Input
The analog inputs (INP and INN) are designed to be dri-
ven with a differential AC-coupled signal. It is extremely
important that these inputs be accurately balanced. Any
common-mode signal applied to these inputs degrade
even-order distortion terms. Therefore, any attempt at
driving these inputs in a single-ended fashion results in
significant even-order distortion terms.
Figure 6 presents one method for converting a single-
ended signal to a balanced differential signal using a
transformer. The primary-to-secondary turns ratio in this
example is 1:1.414. The impedance ratio is the square
of the turns ratio, so in this example, the impedance
ratio is 1:2. In order to achieve a 50
Ω input impedance
at the primary side of the transformer, the secondary
side is terminated with a 112
Ω differential load. This
load, in shunt with the differential input resistance of the
MAX1419, results in a 100
Ω differential load on the sec-
ondary side. It is reasonable to use a larger transformer
turns ratio in order to achieve a larger signal step-up,
and this may be desirable in order to relax the drive
requirements for the circuitry driving the MAX1419.
MAX1419
50
50
0.1
µF
0.1
µF
0.01
µF 0.1µF
0.01
µF
BACK-TO-BACK DIODE
T2-1T–KK81
15
D0–D14
AVCC DVCC DRVCC
GND
CLKP
CLKN
INP
INN
Figure 5. Transformer-Coupled Clock Input Configuration


Similar Part No. - MAX1419

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1419 MAXIM-MAX1419 Datasheet
352Kb / 20P
   15-Bit, 65Msps ADC with -78.2dBFS Noise Floor for IF Applications
19-3022; Rev 0; 10/03
MAX1419 MAXIM-MAX1419 Datasheet
219Kb / 18P
   15-Bit, 100Msps ADC with -77.7dBFS Noise Floor for Baseband Applications
Rev 0; 10/04
MAX1419ETN MAXIM-MAX1419ETN Datasheet
649Kb / 14P
   Fully Differential Signal Input Configuration
Rev 0; 1/04
More results

Similar Description - MAX1419

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1427 MAXIM-MAX1427 Datasheet
368Kb / 18P
   15-Bit, 80Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
2004
MAX1418 MAXIM-MAX1418 Datasheet
352Kb / 20P
   15-Bit, 65Msps ADC with -78.2dBFS Noise Floor for IF Applications
19-3022; Rev 0; 10/03
MAX1429 MAXIM-MAX1429 Datasheet
219Kb / 18P
   15-Bit, 100Msps ADC with -77.7dBFS Noise Floor for Baseband Applications
Rev 0; 10/04
MAX1428 MAXIM-MAX1428 Datasheet
717Kb / 18P
   15-Bit, 80Msps ADC with -78.4dBFS Noise Floor for IF Applications
Rev 0; 10/04
MAX1430 MAXIM-MAX1430 Datasheet
718Kb / 18P
   15-Bit, 100Msps ADC with -76.8dBFS Noise Floor for IF Applications
2004
MAX12557 MAXIM-MAX12557 Datasheet
905Kb / 28P
   Dual, 65Msps, 14-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX12527 MAXIM-MAX12527 Datasheet
649Kb / 28P
   Dual, 65Msps, 12-Bit, IF/Baseband ADC
Rev 0; 2/05
logo
Linear Technology
LTC1742 LINER-LTC1742 Datasheet
572Kb / 20P
   14-Bit, 65Msps Low Noise ADC
LTC1741 LINER-LTC1741 Datasheet
666Kb / 20P
   12-Bit, 65Msps Low Noise ADC
LTC1741 LINER-LTC1741_15 Datasheet
671Kb / 20P
   12-Bit, 65Msps Low Noise ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com