Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NF2L757GR Datasheet(PDF) 6 Page - NICHIA CORPORATION

Part # NF2L757GR
Description  Built-in ESD Protection Device
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NF2L757GR Datasheet(HTML) 6 Page - NICHIA CORPORATION

Back Button NF2L757GR Datasheet HTML 2Page - NICHIA CORPORATION NF2L757GR Datasheet HTML 3Page - NICHIA CORPORATION NF2L757GR Datasheet HTML 4Page - NICHIA CORPORATION NF2L757GR Datasheet HTML 5Page - NICHIA CORPORATION NF2L757GR Datasheet HTML 6Page - NICHIA CORPORATION NF2L757GR Datasheet HTML 7Page - NICHIA CORPORATION NF2L757GR Datasheet HTML 8Page - NICHIA CORPORATION NF2L757GR Datasheet HTML 9Page - NICHIA CORPORATION NF2L757GR Datasheet HTML 10Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
NICHIA STS-DA1-3680 <Cat.No.150609>
5
CHROMATICITY DIAGRAM
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
x
黒体放射軌跡
Blackbody Locus
sm2750b
sm2750c
sm3050a
sm3050b
sm3050c
sm3550c
sm4050a
sm4050b
sm4050c
sm4550c
sm2750d
sm273
sm2750e
sm3050d
sm303
sm3050e
sm4550f
sm4550e
sm3550f
sm2750f
sm3550a
sm3550b
sm353
sm3550e
sm3550d
sm4050f
sm4050e
sm4050d
sm403
sm4550b
sm4550a
sm4550d
sm453
sm2750a
sm3050f
4500K
4000K
3500K
3000K
2700K


Similar Part No. - NF2L757GR

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NF2L757GRT NICHIA-NF2L757GRT Datasheet
306Kb / 21P
   WHITE LED
NF2L757GRT-V1 NICHIA-NF2L757GRT-V1 Datasheet
733Kb / 29P
   SPECIFICATIONS FOR WARM WHITE LED
NF2L757GRT-V1 NICHIA-NF2L757GRT-V1 Datasheet
328Kb / 21P
   WHITE LED
NF2L757GRT-V1U4 NICHIA-NF2L757GRT-V1U4 Datasheet
726Kb / 29P
   SPECIFICATIONS FOR WARM WHITE LED
NF2L757GRT-V1 NICHIA-NF2L757GRT-V1_18 Datasheet
328Kb / 21P
   WHITE LED
More results

Similar Description - NF2L757GR

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NFCLL036B-M3 NICHIA-NFCLL036B-M3 Datasheet
414Kb / 17P
   Built-in ESD Protection Device
NC2W170B NICHIA-NC2W170B Datasheet
346Kb / 18P
   Built-in ESD Protection Device
NTCWS024B-M2 NICHIA-NTCWS024B-M2 Datasheet
493Kb / 17P
   Built-in ESD Protection Device
NVCWL024Z NICHIA-NVCWL024Z Datasheet
495Kb / 26P
   Built-in ESD Protection Device
NVELJ048Z-M2 NICHIA-NVELJ048Z-M2 Datasheet
403Kb / 17P
   Built-in ESD Protection Device
NF2W385AR NICHIA-NF2W385AR Datasheet
518Kb / 24P
   Built-in ESD Protection Device
NFCLJ108B-V1M2 NICHIA-NFCLJ108B-V1M2 Datasheet
468Kb / 18P
   Built-in ESD Protection Device
NFCWL036B-V1 NICHIA-NFCWL036B-V1 Datasheet
659Kb / 27P
   Built-in ESD Protection Device
NCSE219B-V1 NICHIA-NCSE219B-V1 Datasheet
459Kb / 18P
   Built-in ESD Protection Device
NCSG219B-V1 NICHIA-NCSG219B-V1 Datasheet
450Kb / 18P
   Built-in ESD Protection Device
NFCWJ108B-V1M3 NICHIA-NFCWJ108B-V1M3 Datasheet
468Kb / 18P
   Built-in ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com