Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMM-5060B1-M1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SMM-5060B1-M1E
Description  Netarium??System Management Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SMM-5060B1-M1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SMM-5060B1-M1E Datasheet HTML 1Page - Advantech Co., Ltd. SMM-5060B1-M1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
SMM-5060
Netarium™ System Management Module
Introduction
Advantech’s SMM-5060 is the intelligence in Netarium™ ATCA or eATCA systems responsible for platform health and management as a whole. All individual FRU elements in the
system including each power supply, fan module, node blade, hub blade, RTM or eRTM, backplane, and even the module itself can be monitored and controlled through the Shelf
Manager residing in the SMM-5060’s BMC module. The SMM-5060’s Shelf Management (ShM) is ATCA compliant and supports the latest PICMG specifications such as HPM.1,
HPM.2 and HPM.3. In addition to providing full redundancy and failover support, Advantech’s ShM features full log and state synchronization. All firmware and software on the Shelf
Manager supports redundant images and can be upgraded via HPM.1 for maximum reliability.
As an option, the SMM-5060 can be extended with System Manager functionality via a module based on the Intel® Atom™ processor C2000. Advantech’s System Manager (SysM)
acts as centralized service access point (such as SoL Proxy), blade boot server (provisioning OS images and node blades’ applications), and advanced configuration manager enabling
any iA node in the Netarium™ system to boot with a tailored set of BIOS settings yielding best performance for a specific workload. In addition, an integrated web front end, the System
Explorer can be used to provide graphical displays of various levels of system information such as system inventory, health views, sensor status, system IDs, and event logs, leading
to a friendlier shelf/system management user experience. An LCD module implemented on the chassis can also be interfaced to the SMM-5060 and used to display system statistics
or status to onsite technicians, allowing the Netarium™ system to be managed like a big appliance. Customers who are using appliances for their entry and mid-range network gear
can now have a consistent system management view for their high end product line based on Advantech’s Netarium™ platform and SMM-5060.
Specifications
Processor System
X86 CPU
Intel® Atom™ Processor C2000 Series
(C2358/ 2 Cores/ 2 Threads/ 1 MB L2 Cache or C2558/ 4 Cores/ 4 Threads, 2 MB L2 Cache)
Max. Speed
2.4 GHz
BIOS
Carrier Grade UEFI BIOS based on AMI
1. Redundant flash with HPM.1 update & rollback
2. Configuration settings can be changed over IPMI
BMC Processor
ARM9 based Microcontroller (400MHz)
Memory
Technology
x86: Up to 2 x DDR3 1333 MHz 4GB with ECC (4GB on board, 4GB on SODIMM)
BMC: On-board DDR3/ 1600 MHz/ 512 MB
Max. Capacity
Up to 8GB for x86 module
Ethernet
Devices
x86: Intel i354 Quad port Gigabit Ethernet controller
BMC: 2 integrated 10/100/1000 Mbit MACs
Interface
Up to 2 x GbE uplink Interfaces (only one uplink for basic shelf management SKU)
2 x Base Interface (100 Mbps)
1 x Cross-over interface to other SMM-5060 (GbE)
Front I/O Interface
Serial (COM)
2 x Console ports (1 RJ-45 connector for x86 module and 1 micro-USB connector for BMC module)
Ethernet
2 x GbE ports (RJ-45 connectors)
USB 2.0
2 x Type A ports (available only for x86 SKU)
SDHC
2 x MicroSD Sockets
Mass Storage
Onboard
2 x 64GB (or 2 x 32GB) MO300 SATA SSD (available only for x86 SKU)
Off board (system connector)
Two SATA-II Interfaces (available only for x86 SKU)
Operating System
Compatibility
CentOS 6 64 bit (default), RHEL6 64bit, others on request
Shelf Management
BMC
ARM 9 based controller (400MHz)
IPMI
IPMI 2.0 based on Advantech IPMI Core
Watchdog Timer
Supervision
BMC watchdog
Interval
IPMI compliant
ƒ ATCA / eATCA Shelf and System Management
ƒ ARM9 based Shelf Management controller with Advantech IPMI core
ƒ Full event log synchronization, robust redundancy and failover
ƒ Optional Netarium™ System Manager on Intel® Atom™ Processor C2000
series
ƒ Features include SoL Proxy, System Explorer, System Boot Server, etc.
ƒ Up to two GbE (RJ45), two USB (host) ports, and two console ports (one
RJ-45 and one micro-USB) on front panel
ƒ Two microSD slots for shelf and system event logs storage.
ƒ Up to two internal MO300 SSDs for OS, system management applications,
and extended event logs storages
ƒ System mount RAID boot disks and LCD module support
ƒ HPM.1 updates, HPM.2, HPM.3 and HPI options
ƒ Option to host customer applications
All product specifications are subject to change without notice
Last updated : 19-May-2014


Similar Part No. - SMM-5060B1-M1E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMM-003T-P0.5 ETC2-SMM-003T-P0.5 Datasheet
232Kb / 8P
   Crimping tools and machines
SMM-003T-P0.5 ETC2-SMM-003T-P0.5 Datasheet
224Kb / 8P
   APPLICATION TOOLING
More results

Similar Description - SMM-5060B1-M1E

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G2220 GMT-G2220 Datasheet
62Kb / 2P
   Data Card Module Power Management System
logo
Maxim Integrated Produc...
MAX31782 MAXIM-MAX31782 Datasheet
1Mb / 20P
   System Management Microcontroller
Rev 0; 6/10
MAX31782 MAXIM-MAX31782_12 Datasheet
1Mb / 20P
   System Management Microcontroller
Rev 2; 1/12
logo
Level One
CMS LVL1-CMS Datasheet
1Mb / 2P
   Central Management System
logo
Maxim Integrated Produc...
MAX31782 MAXIM-MAX31782_11 Datasheet
1Mb / 20P
   System Management Microcontroller
Rev 1; 11/11
logo
Exar Corporation
XRP7725 EXAR-XRP7725 Datasheet
3Mb / 34P
   Power Management System
logo
Analog Devices
ADP3402 AD-ADP3402 Datasheet
277Kb / 12P
   GSM Power Management System
REV. 0
logo
Silicon Standard Corp.
SS8000G SSC-SS8000G Datasheet
797Kb / 14P
   GSM Power-Management System
logo
STMicroelectronics
L9961 STMICROELECTRONICS-L9961 Datasheet
2Mb / 63P
   Battery management system solution
October 2022 Rev 1
logo
Analog Devices
ADP3402 AD-ADP3402_15 Datasheet
281Kb / 12P
   GSM Power Management System
REV. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com