Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCIE-2201E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCIE-2201E
Description  Dual Port Fiber 10G Ethernet PCI Express Server Adapter with Intel짰 82599ES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCIE-2201E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCIE-2201E_14 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Preliminary
ƒ 1 x Intel 82599ES 10GbE Ethernet controller
ƒ 2 x 10GbE SFP+ ports
ƒ PCIex8 Gen2 host interface
ƒ Support 10G base-SR and 10G base LR
ƒ Supports SR-IOV based virtualization
ƒ Low profile and full height form factors
RoHS
COMPLIANT
2002/95/EC
PCIE-2201E DualPortFiber10GEthernetPCIExpress
Server Adapter with Intel® 82599ES
Introduction
Advantech’s PCIE-2201E is a low-profile dual port 10GE Ethernet PCI Express server adapter based on Intel’s 82599ES controller. By supporting a PCI-Express Gen2 x8 host interface,
this adapter provides sufficient bandwidth for line rate traffic on both 10GE ports. Two SFP+ ports can be configured to support a variety of optical transceivers such as 10GE Base-SR
or 10GE Base-LR optical modules as well as direct attach cables. Improved support for virtualization – including, but not limited to – VMDq, SR-IOV make the PCIE-2201E a perfect fit
for virtualized environments and applications with network overlays. PCIE-2201E is an ideal network interface solution for multi-tenant environments, Network Function Virtualization
but also networking applications such as WAN optimization, network and cyber security.
Specifications
Controller
Intel 82599ES MAC+PHY
Physical Functions
2
Virtual Functions
64
Virtualization Support
VMDq, SRIOV
Host Interface
PCI Express
8 lanes Gen2
Network Interfaces
Ports
2 SFP+ cages
Media
10G-SR, LR, ER, Base-T transceivers, Direct Attach cables
LEDs (per port)
Link/Act LED (Green)
Speed: 10G (Green), 1G (Amber)
Software support
Operating Systems
RedHat, CentOS Linux (Windows Server and FreeBSD under investigation)
Virtualization
KVM (VMWare under investigation)
Power consumption
+12V
8W typ./ 12W max. (estimated)
(including 2 10G-SR transceivers)
Environment
Operating Humidity
0 ~ 90%, non-condensing
Operating Temperature
0 ~ 45° C (32 ~ 113° F)
Storage
-40 ~ 65° C (-40 ~ 149° F)
Mechanical Specifications
Board Dimension
167 x 68.9mm (PCIe low profile)
Holder
Full height and half height options available
Compliance
EMC Certifications
FCC CE Class A
Please contact your Advantech representative of a list of sample order numbers.
Ordering Information
Part Number
Description
PCIE-2201E
Dual Port Fiber 10G Ethernet PCI Express Server Adapter
with Intel® 82599ES
Please contact your Advantech representative of a list of supported and validated
transceiver modules.
All product specifications are subject to change without notice
Last updated : 14-May-2014


Similar Part No. - PCIE-2201E_14

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCIE-2220 ADVANTECH-PCIE-2220 Datasheet
518Kb / 1P
   Dual Port Fiber 10GbE Ethernet PCI Express Server Adapter with Intel® 82599ES
16-Apr-2020
PCIE-2220NP-00A1E ADVANTECH-PCIE-2220NP-00A1E Datasheet
416Kb / 2P
   IEC-61850-3 Certified Power Automation Server based on Intel® Xeon® Processor Scalable Family
10-Jun-2022
PCIE-2220NP-00A1E ADVANTECH-PCIE-2220NP-00A1E Datasheet
518Kb / 1P
   Dual Port Fiber 10GbE Ethernet PCI Express Server Adapter with Intel® 82599ES
16-Apr-2020
PCIE-2221BP ADVANTECH-PCIE-2221BP Datasheet
325Kb / 1P
   Dual Ports 10GbE Fiber Bypass Ethernet PCI Express Server Adapter with Intel X710-BM2
26-May-2022
PCIE-2221BP-00A1E ADVANTECH-PCIE-2221BP-00A1E Datasheet
325Kb / 1P
   Dual Ports 10GbE Fiber Bypass Ethernet PCI Express Server Adapter with Intel X710-BM2
26-May-2022
More results

Similar Description - PCIE-2201E_14

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCIE-2220 ADVANTECH-PCIE-2220 Datasheet
518Kb / 1P
   Dual Port Fiber 10GbE Ethernet PCI Express Server Adapter with Intel® 82599ES
16-Apr-2020
logo
Silicom Ltd.
PE2G2FI35 SILICOM-PE2G2FI35 Datasheet
572Kb / 5P
   Dual Port Fiber Gigabit Ethernet PCI Express Server Adapter
logo
Advantech Co., Ltd.
PCIE-2001E ADVANTECH-PCIE-2001E_14 Datasheet
741Kb / 1P
   Quad Port Fiber Gigabit Ethernet PCI Express Server Adapter with Intel짰 I350
logo
Silicom Ltd.
PE310G2SPB32 SILICOM-PE310G2SPB32 Datasheet
556Kb / 5P
   Dual port Fiber 10 Gigabit Ethernet PCI Express Server Adapter
PE2G2BPFI35 SILICOM-PE2G2BPFI35 Datasheet
785Kb / 8P
   Dual Port Fiber Gigabit Ethernet PCI Express Bypass Server Adapter
PE210G2SPI9A SILICOM-PE210G2SPI9A Datasheet
384Kb / 8P
   Dual Port Fiber 10 Gigabit Ethernet PCI Express Server Adapter
PE340G2QI71 SILICOM-PE340G2QI71 Datasheet
551Kb / 6P
   Dual Port Fiber 40 Gigabit Ethernet PCI Express Server Adapter
PE31640G2QI71 SILICOM-PE31640G2QI71 Datasheet
1Mb / 6P
   Dual Port Fiber 40G / 8x10G Ethernet PCI Express Server Adapter
PE31640G4QI71 SILICOM-PE31640G4QI71 Datasheet
383Kb / 5P
   Quad Port Fiber 40G Ethernet PCI Express Server Adapter
PEG1F SILICOM-PEG1F Datasheet
428Kb / 6P
   Fiber Gigabit Ethernet PCI Express Server Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com