Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCI-1760U Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCI-1760U
Description  8-ch Relay and 8-ch Isolated Digital Input Universal PCI Card with 8-ch Counter/Timer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCI-1760U Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCI-1760U_15 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data Acquisition Boards
Features
RoHS
COMPLIANT
2002/95/EC
Specifications
Isolated Digital Input
ƒ
Channels
8
ƒ
Input Voltage
Logic 0: 1.0 V max.
Logic 1: 4.5 V min. (12 V max.)
ƒ
Interrupt Capable
Ch. 8 (IDI0 ~ IDI7)
ƒ
Isolation Protection
2,500 VDC
ƒ
Opto-Isolator Response 100 μs
ƒ
Input Resistance
2 k Ohm @ 1/4 W
Counter/Timer
ƒ
Channels
8
ƒ
Resolution
16 bits
ƒ
Compatibility
5 V/TTL
ƒ
Max. Input Frequency 500 Hz
ƒ
Isolation Protection
2,500 VDC
ƒ
PWM Channels
2
ƒ
Digital Noise Filter
Min. effective high input period
≥ [(2 ~ 65535) x 5 ms]
+ 5 ms
Min. effective low input period
≥ [(2 ~ 65535) x 5 ms]
+ 5 ms
Relay Output
ƒ
Channels
8
ƒ
Relay Type
2 x Form C, and 6 x Form A
ƒ
Contact Rating
1 A @ 125 VAC, 2 A @ 30 VDC
ƒ
Max. Switching Power 125 VA, 60 W
ƒ
Max. Switching Voltage 250 VAC, 220 VDC
ƒ
Max. Switching Current 2 A
ƒ
Operate/Release Time max. 5 / 3.5 ms
ƒ
Resistance
Contact: 50 mW max.
ƒ
Life Expectancy
3 x 105 cycles min.: 2 A @ 30 VDC, 1 A @ 125 VAC
(Electrical)
106 cycles min.: 1 A @ 30 VDC, 0.5 A @ 125 VAC
Introduction
PCI-1760U relay actuator and isolated digital input card is a PC add-on card for the PCI bus. It meets the PCI standard Rev. 2.2 (Universal PCI expansion card), and works with both
3.3 V and 5 V PCI slots. It provides 8 opto-isolated digital inputs with isolation protection of 2,500 VDC for collecting digital inputs in noisy environments, 8 relay actuators that can
be used as a on/off control devices or small power switches, and 2 isolated PWM (Pulse Width Modulation) outputs for custom applications.
For easy monitoring, each relay is equipped with one red LED to show its on/off status. Each isolated input supports both dry contact and wet contact so that it can easily interface
with other devices when no voltage is present in the external circuit.
PCI-1760U
ƒ 8 opto-isolated digital input channels
ƒ 8 relay actuator output channels
ƒ 2 opto-isolated PWM outputs
ƒ LED indicators to show activated relays
ƒ Jumper selectable dry contact/wet contact input signals
ƒ Up event counters for DI
ƒ Programmable digital filter function for DI
ƒ Pattern match interrupt function for DI
ƒ "Change of state" interrupt function for DI
ƒ Universal PCI and BoardID switch
8-ch Relay and 8-ch Isolated Digital
Input Universal PCI Card with 8-ch
Counter/Timer
General
ƒ
Bus Type
Universal PCI V2.2
ƒ
I/O Connectors
1 x DB37 female connector
ƒ
Dimensions (L x H)
175 x 100 mm (6.9" x 3.9")
ƒ
Power Consumption
Typical: 5 V @ 450 mA
Max.: 5 V @ 850 mA
ƒ
Operating Temperature 0 ~ 60°C (32 ~ 140°F)
ƒ
Storage Temperature
-20 ~ 70°C (-4 ~ 158°F)
ƒ
Storage Humidity
5 ~ 95 % RH, non-condensing
Ordering Information
ƒ
PCI-1760U
8-ch Relay/IDI PCI Card w/ 8-ch Counter/Timer
Accessories
ƒ
PCL-10137-1E
DB37 Cable, 1 m
ƒ
PCL-10137-2E
DB37 Cable, 2 m
ƒ
PCL-10137-3E
DB37 Cable, 3 m
ƒ
ADAM-3937
DB37 DIN-rail Wiring Board
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - PCI-1760U_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-1760U ADVANTECH-PCI-1760U Datasheet
535Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input Universal PCI Card with 10-ch Counter/Timer
More results

Similar Description - PCI-1760U_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-1760U ADVANTECH-PCI-1760U Datasheet
535Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input Universal PCI Card with 10-ch Counter/Timer
PCI-1761 ADVANTECH-PCI-1761_15 Datasheet
156Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input PCI Card
PCI-1761 ADVANTECH-PCI-1761 Datasheet
536Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input PCI Card
PCIE-1760 ADVANTECH-PCIE-1760_15 Datasheet
189Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input PCI Express Card
PCIE-1760 ADVANTECH-PCIE-1760_V01 Datasheet
428Kb / 1P
   8-Ch Relay and 8-Ch Isolated Digital Input PCI Express Card
12-Mar-2019
PCL-725 ADVANTECH-PCL-725 Datasheet
537Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input ISA Card
USB-4761-AE ADVANTECH-USB-4761-AE Datasheet
159Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input USB Module
PCI-1780U ADVANTECH-PCI-1780U Datasheet
536Kb / 1P
   8-ch, 16-bit Counter/Timer Universal PCI Card
PCI-1780U ADVANTECH-PCI-1780U_15 Datasheet
209Kb / 1P
   8-ch, 16-bit Counter/Timer Universal PCI Card
PCIE-1761H ADVANTECH-PCIE-1761H Datasheet
320Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input w/ digital filter and interrupt PCIe Card
9-Oct-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com