Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCI-1753 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCI-1753
Description  96-ch Digital I/O PCI Card
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCI-1753 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCI-1753 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data Acquisition Boards
Features
PCI-1753
96-ch Digital I/O PCI Card
ƒ Up to 96 TTL digital I/O lines
ƒ Emulates mode 0 of 8255 PPI
ƒ Buffered circuits for higher driving capacity than the 8255
ƒ Multiple-source interrupt handling capability
ƒ Interrupt output pin for simultaneously triggering external devices with the
interrupt
ƒ Output status read-back
ƒ “Pattern match” and “Change of state” interrupt functions for critical I/O
monitoring
ƒ Keeps the output settings and values after system hot reset
ƒ Supports both dry and wet contact
ƒ High-density 100-pin SCSI connector
Introduction
PCI-1753 is a 96-bit digital I/O card for the PCI bus. The card emulates mode 0 of the 8255 PPI chip, but the buffered circuits offer a higher driving capability than the 8255. The 96
I/O lines are divided into twelve 8-bit I/O ports: A0, B0, C0, A1, B1, C1, A2, B2, C2, A3, B3 and C3. You can configure each port as input or output via software.
Specifications
Digital Input/Output
ƒ
Channels
96 digital I/O lines for PCI-1753
ƒ
Programming Mode
8255 PPI mode 0
ƒ
Compatibility
5 V/TTL
ƒ
Input Voltage
Logic 0: 0.8 V max.
Logic 1: 2.0 V min.
ƒ
Output Voltage
Logic level 0:0.8 V max. @+24mA (Sink)
Logic level 1:2.0 V min. @-15mA (Source)
ƒ
Interrupt Inputs
4 (PC00,PC10,PC20,PC30)
General
ƒ
Bus Type
PCI V2.2
ƒ
I/O Connector
1 x 100-pin SCSI female connector
ƒ
Dimensions (L x H)
175 x 100 mm (6.9" x 3.9")
ƒ
Power Consumption
Typical: 5 V @ 400 mA
Max.: 5 V @ 2.7 A
ƒ
Operating Temperature 0 ~ 60°C (32 ~ 140°F)
ƒ
Storage Temperature
-20 ~ 70°C (-4 ~ 158°F)
ƒ
Storage Humidity
5 ~ 95% RH, non-condensing
Ordering Information
ƒ
PCI-1753
96-ch Digital I/O PCI Card
ƒ
PCI-1753E
Extension Board for PCI-1753
Accessories
ƒ
ADAM-3968
68-pin DIN-rail SCSI Wiring Board
ƒ
ADAM-3968/20
68-pin SCSI to 3 20-pin Box Header Board
ƒ
ADAM-3968/50
68-pin SCSI to 2 50-pin Box Header Board
ƒ
PCLD-8751
48-ch Isolated Digital Input Board
ƒ
PCLD-8761
24-ch Replay/ Isolated Digital Input Board
ƒ
PCLD-8762
48-ch Relay Board
ƒ
PCL-10268-2E
100-pin to Two 68-pin SCSI Cables, 1 m and 2 m
Pin Assignments
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 13-Jul-2015


Similar Part No. - PCI-1753

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-1753 ADVANTECH-PCI-1753 Datasheet
665Kb / 1P
   96-ch Digital I/O PCI Card
PCI-1753E ADVANTECH-PCI-1753E Datasheet
665Kb / 1P
   96-ch Digital I/O PCI Card
More results

Similar Description - PCI-1753

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-1753 ADVANTECH-PCI-1753 Datasheet
665Kb / 1P
   96-ch Digital I/O PCI Card
PCI-1739U ADVANTECH-PCI-1739U Datasheet
612Kb / 1P
   48-ch Digital I/O Universal PCI Card
PCI-1737U ADVANTECH-PCI-1737U Datasheet
565Kb / 1P
   24-ch Digital I/O Universal PCI Card
PCIE-1756 ADVANTECH-PCIE-1756 Datasheet
199Kb / 1P
   64-ch Isolated Digital I/O PCI Express Card
PCI-1730U ADVANTECH-PCI-1730U_15 Datasheet
271Kb / 1P
   32-ch Isolated Digital I/O Universal PCI Card
PCI-1751 ADVANTECH-PCI-1751_15 Datasheet
317Kb / 1P
   48-ch Digital I/O and 3-ch Counter PCI Card
PCI-1751 ADVANTECH-PCI-1751 Datasheet
567Kb / 1P
   48-ch Digital I/O and 2-ch Counter PCI Card
PCIE-1751 ADVANTECH-PCIE-1751_15 Datasheet
268Kb / 1P
   48-ch Digital I/O and 3-ch Counter PCI Express Card
PCI-1735U ADVANTECH-PCI-1735U_15 Datasheet
216Kb / 1P
   64-ch Digital I/O and Counter Universal PCI Card
PCI-1757UP ADVANTECH-PCI-1757UP_15 Datasheet
271Kb / 1P
   24-ch Digital I/O Low Profile Universal PCI Card
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com