Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKI-7657C Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EKI-7657C
Description  73G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch with 2 x DI/O
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EKI-7657C Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EKI-7657C Datasheet HTML 1Page - Advantech Co., Ltd. EKI-7657C Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: [mm]
Panel Cut-out Dimensions: 115.2 x 152 x 78.6 mm (4.54" x 5.99" x 3.1")
EKI-7657C/CI
Certifications
ƒ
Safety
UL 60950-1, CAN/CSA-C22.2 No.60950
ƒ
EMI
FCC Part 15 Subpart B Class A, EN 55022 Class A
ƒ
EMS
EN 61000-4-2
EN 61000-4-3
EN 61000-4-4
EN 61000-4-5
EN 61000-4-6
EN 61000-4-8
ƒ
Shock
IEC 60068-2-27
ƒ
Freefall
IEC 60068-2-32
ƒ
Vibration
IEC 60068-2-6
Ordering Information
ƒ
EKI-7657C
7FE + 3G Combo Port Managed Ethernet Switch
w/ 2 x DI/DO
ƒ
EKI-7657CI
7FE + 3G Combo Port Managed Ethernet Switch
w/ 2 x DI/DO and Wide Temp
30.00
[1.18]
49.90
[1.97]
30.00
[1.18]
49.90
[1.97]
92.00 [3.62]
115.20 [4.54]
78.60 [3.10]
78.60 [3.10]
106.20 [4.18]
106.20 [4.18]


Similar Part No. - EKI-7657C

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-7657C ADVANTECH-EKI-7657C Datasheet
551Kb / 1P
   73G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch with 2 x DI/O
EKI-7657C-AE ADVANTECH-EKI-7657C-AE Datasheet
326Kb / 2P
   73G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch with 2 x DI/O
More results

Similar Description - EKI-7657C

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-7657C-AE ADVANTECH-EKI-7657C-AE Datasheet
326Kb / 2P
   73G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch with 2 x DI/O
EKI-7657C ADVANTECH-EKI-7657C Datasheet
551Kb / 1P
   73G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch with 2 x DI/O
logo
List of Unclassifed Man...
JETNET5010G ETC1-JETNET5010G Datasheet
1Mb / 9P
   Industrial 73G Gigabit Managed Ethernet Switch
logo
Advantech Co., Ltd.
EKI-7654C ADVANTECH-EKI-7654C Datasheet
555Kb / 1P
   42G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
EKI-7656CI ADVANTECH-EKI-7656CI Datasheet
275Kb / 1P
   162G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
EKI-7656CI ADVANTECH-EKI-7656CI_15 Datasheet
329Kb / 2P
   162G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
EKI-7656C-AE ADVANTECH-EKI-7656C-AE Datasheet
329Kb / 2P
   162G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
EKI-7659CI ADVANTECH-EKI-7659CI Datasheet
557Kb / 1P
   82G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
EKI-7656C ADVANTECH-EKI-7656C Datasheet
552Kb / 1P
   162G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
logo
Moxa Inc.
EDS-510A MOXA-EDS-510A Datasheet
1Mb / 6P
   73G-port Gigabit managed Ethernet switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com