Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKI-1221I Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EKI-1221I
Description  1-port Modbus Gateway
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EKI-1221I Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EKI-1221I Datasheet HTML 1Page - Advantech Co., Ltd. EKI-1221I Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Panel Cut-out Dimensions: 104 x 140 x 36.6 mm (4.094" x 5.512" x 1.441")
EKI-1221
EKI-1222
EKI-1224
Dimensions
Unit: mm
EKI-1221/CI/I
EKI-1222/CI/I
EKI-1224/CI/I
Ordering Information
ƒ
EKI-1221
1-port RS-232/422/485 Modbus Gateway
ƒ
EKI-1222
2-port RS-232/422/485 Modbus Gateway
ƒ
EKI-1224
4-port RS-232/422/485 Modbus Gateway
ƒ
EKI-1221I
1-port RS-232/422/485 Modbus Gateway with Wide
Operating Temperature
ƒ
EKI-1222I
2-port RS-232/422/485 Modbus Gateway with Wide
Operating Temperature
ƒ
EKI-1224I
4-port RS-232/422/485 Modbus Gateway with Wide
Operating Temperature
ƒ
EKI-1221CI
1-port RS-422/485 Modbus Gateway with Wide
Operation Temperature and Isolation
ƒ
EKI-1222CI
2-port RS-422/485 Modbus Gateway with Wide
Operation Temperature and Isolation
ƒ
EKI-1224CI
4-port RS-422/485 Modbus Gateway with Wide
Operation Temperature and Isolation
ƒ
OPT1-DB9
D-Sub9 to Terminal Converter
35
[1.378]
36.60 [1.441]
104 [4.094]
36.60 [1.441]
95 [3.740]
95 [3.740]
33
[1.299]
30.50
[1.201]
40
[1.575]
15
[0.591]
35
[1.378]
36.60 [1.441]
104 [4.094]
36.60 [1.441]
95 [3.740]
95 [3.740]
33
[1.299]
30.50
[1.201]
40
[1.575]
15
[0.591]
35
[1.378]
48.65 [1.915]
48.65 [1.915]
33
[1.299]
15
[0.591]
104 [4.094]
95 [3.740]
30.50
[1.201]
40
[1.575]
95 [3.740]


Similar Part No. - EKI-1221I

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-1221I-MT ADVANTECH-EKI-1221I-MT Datasheet
470Kb / 2P
   1-port Modbus Gateway with Fiber and WT
27-Feb-2020
EKI-1221I-MT-A ADVANTECH-EKI-1221I-MT-A Datasheet
470Kb / 2P
   1-port Modbus Gateway with Fiber and WT
27-Feb-2020
More results

Similar Description - EKI-1221I

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4572 ADVANTECH-ADAM-4572 Datasheet
352Kb / 1P
   1-port Modbus Gateway
EKI-1221 ADVANTECH-EKI-1221 Datasheet
561Kb / 1P
   1-port Modbus Gateway
EKI-1221R ADVANTECH-EKI-1221R Datasheet
572Kb / 2P
   1-port Modbus Gateway/Router
17-Mar-2020
EKI-1224 ADVANTECH-EKI-1224 Datasheet
241Kb / 1P
   4-port Modbus Gateway
EKI-1228 ADVANTECH-EKI-1228 Datasheet
459Kb / 2P
   8-port Modbus Gateway
8-Jun-2022
EKI-1221I-MT ADVANTECH-EKI-1221I-MT Datasheet
470Kb / 2P
   1-port Modbus Gateway with Fiber and WT
27-Feb-2020
logo
List of Unclassifed Man...
MB5404D-X ETC2-MB5404D-X Datasheet
1Mb / 4P
   8/16-port Modbus Gateway
logo
Advantech Co., Ltd.
EKI-1211 ADVANTECH-EKI-1211 Datasheet
457Kb / 2P
   1-Port RS-232/422/485 Modbus Gateway
19-Aug-2022
logo
D+H Mechatronic AG
ACN-GW501-MRTU-0200 DH-ACN-GW501-MRTU-0200 Datasheet
476Kb / 2P
   Modbus gateway
logo
Schneider Electric
LUFP9 SCHNEIDER-LUFP9 Datasheet
106Kb / 2P
   DeviceNet/Modbus communication gateway - 1 DeviceNet screw type - 1 RJ45 Modbus
May 11, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com