Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SS0335BCN-181 Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part No. SS0335BCN-181
Description  Continuous Forward Current
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PACELEADER [PACELEADER INDUSTRIAL]
Homepage  http://www.paceleader.tw
Logo 

SS0335BCN-181 Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1. SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ta=25 )
Parameter
Symbol
MAX.
Unit
Continuous Forward Current
If
20
mA
Pulse Forward Current*
Ifp
100
mA
Reverse Voltage
Vr
5
V
Power Consumption
Pc
75
mW
Operating Temperature Range
Topr
-40
~ +85
Storage Temperature Range
Tstg
-40
~ +100
Electrostatic Discharge
ESD
150
V
Soldering Temperature
Tsld
Reflow Soldering:240
/
℃ 10sec
Hand Soldering:350
/
℃ 3sec
*Duty 1/10 @ 1KHZ
(2) Electrical / Optical Characteristics
(Ta=25
)
Parameter
Symbol Min. Typ. Max.
Unit Test Condition
Forward Voltage*
Vf
2.8
/
3.8
V
If=20mA
Luminous intensity*
Iv
130
350
/
mcd
If=20mA
Dominant Wavelength
λd
/
465
/
nm
If=20mA
Spectrum Radiation Bandwidth
λ
20
25
30
nm
If=20mA
Reverse Current
Ir
/
/
10
μA
VR=5V
Viewing Angle
1/2
/
110
/
Deg
*
*Forward voltage measurement allowance is ±0.1V.
*Luminous intensity is measured with a light sensor and filter combination that
approximates the CIE eye-response curve.
*Luminous Intensity Measurement Allowance is ± 10%.
*Dominant Wavelength measurement allowance is ±1nm.
*2θ1/2 is the off-axis angle at which the luminous intensity is half the axial
luminous intensity.
*Please see attachments for BIN classifications.
PACELEADER INDUSTRIAL CO.,LTD
Part No.
SS 0335BCN-181
Update 2011/10/01
Page
2 OF 6


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn