Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MGA-53589 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part No. MGA-53589
Description  50MHz to 3GHz High Linear Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

MGA-53589 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Application Circuit : 1900MHz (for optimum OIP3 across temperature)
25
27
29
31
33
35
37
39
1500 1600 1700 1800 1900 2000 2100 2200 2300
FREQUENCY (MHz)
15
15.5
16
16.5
17
17.5
18
18.5
19
19.5
20
20.5
1500 1600 1700 1800 1900 2000 2100 2200 2300
FREQUENCY (MHz)
15
15.2
15.4
15.6
15.8
16
16.2
16.4
1500 1600 1700 1800 1900 2000 2100 2200 2300
FREQUENCY (MHz)
-25
-20
-15
-10
-5
0
1500 1600 1700 1800 1900 2000 2100 2200 2300
FREQUENCY (MHz)
-30
-25
-20
-15
-10
-5
0
1500 1600 1700 1800 1900 2000 2100 2200 2300
FREQUENCY (MHz)
-24
-23.5
-23
-22.5
-22
-21.5
-21
1500 1600 1700 1800 1900 2000 2100 2200 2300
FREQUENCY (MHz)
-40°C
+25°C
+85°C
-40°C
+25°C
+85°C
-40°C
+25°C
+85°C
-40°C
+25°C
+85°C
-40°C
+25°C
+85°C
-40°C
+25°C
+85°C
Figure 16. OIP3 vs Frequency and Temperature
Figure 17. P1dB vs Frequency and Temperature
Figure 18. Gain vs Frequency and Temperature
Figure 19. IRL vs Frequency and Temperature
Figure 20. ORL vs Frequency and Temperature
Figure 21. Isolation vs Frequency and Temperature


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn