Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MGA-53589 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part No. MGA-53589
Description  50MHz to 3GHz High Linear Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

MGA-53589 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Application Circuit : 900MHz (for optimum OIP3 across temperature)
25
27
29
31
33
35
37
39
500
600
700
800
900
1000 1100 1200 1300
FREQUENCY (MHz)
15
16
17
18
19
20
21
22
23
500
600
700
800
900
1000 1100 1200 1300
FREQUENCY (MHz)
-40°C
+25°C
+85°C
17.4
17.6
17.8
18
18.2
18.4
18.6
18.8
19
500
600
700
800
900
1000 1100 1200 1300
FREQUENCY (MHz)
-35
-30
-25
-20
-15
-10
500
600
700
800
900
1000 1100 1200 1300
FREQUENCY (MHz)
-16
-15
-14
-13
-12
-11
-10
500
600
700
800
900
1000 1100 1200 1300
FREQUENCY (MHz)
-23
-22.5
-22
-21.5
500
600
700
800
900
1000 1100 1200 1300
FREQUENCY (MHz)
-40°C
+25°C
+85°C
-40°C
+25°C
+85°C
-40°C
+25°C
+85°C
-40°C
+25°C
+85°C
-40°C
+25°C
+85°C
Figure 7. OIP3 vs Frequency and Temperature
Figure 8. P1dB vs Frequency and Temperature
Figure 9. Gain vs Frequency and Temperature
Figure 10. IRL vs Frequency and Temperature
Figure 11. ORL vs Frequency and Temperature
Figure 12. Isolation vs Frequency and Temperature


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn