Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MGA-53589 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part No. MGA-53589
Description  50MHz to 3GHz High Linear Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

MGA-53589 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

 
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
MGA-53589 Absolute Maximum Rating (1)
Symbol
Parameter
Units
Absolute Maximum
Vin
Max input voltage
V
0.8
Vd
Supply Voltage (Id=52mA)
V
5.5
Pd
Power Dissipation (2)
mW
400
Pin
CW RF Input Power
dBm
13
Tj
Junction Temperature
°C
150
Tstg
Storage Temperature
°C
-65 to 150
Thermal Resistance (3)
(Vd=5.0V) θjc = 62.5°C/W
Notes:
1. Operation of this device is excess
of any of these limits may cause
permanent damage.
2. Source lead temperature is 25°C.
Derate 7.7mW/°C for TL > 125°C.
3. Thermal resistance measured
using150°CInfra-RedMicroscopy
Technique.
MGA-53589 Electrical Specification
TC = 25°C, Zo = 50, Vd = 5V, unless noted
Symbol
Parameter and Test Condition
Frequency
Units
Min.
Typ.
Max.
stdev(4)
Id
Current Drawn
N/A
mA
40
52
70
0.001
NF
Noise Figure
0.9GHz(1)
1.9GHz(1)
2.4GHz(1)
dB
-
-
-
1.24
1.66
1.61
-
2
-
-
0.02
-
Gain
Gain
0.9GHz(1)
1.9GHz(1)
2.4GHz(1)
dB
-
14
18.2
15.8
15.3
-
17
-
-
0.07
-
OIP3
Output Third Order Intercept Point(2)
0.9GHz(1)
1.9GHz(1)
2.4GHz(1)
dBm
-
34
-
36.8
37
37.2
-
-
-
-
0.66
-
P1dB
Output Power at 1dB Gain Compression
0.9GHz(1)
1.9GHz(1)
2.4GHz(1)
dBm
-
16.5
-
18.6
18.2
17.6
-
20.5
-
-
0.12
-
PAE
Power Added Efficiency at P1dB
0.9GHz(1)
1.9GHz(1)
2.4GHz(1)
%
-
-
-
24.7
27.3
22.7
-
-
-
-
0.21
-
IRL
Input Return Loss
0.9GHz(1)
1.9GHz(1)
2.4GHz(1)
dB
-
-
-
13.6
14.4
11.6
-
-
-
-
0.29
-
ORL
Output Return Loss
0.9GHz(1)
1.9GHz(1)
2.4GHz(1)
dB
-
-
-
20.3
15.7
14.1
-
-
-
-
0.31
-
ISO
Isolation
0.9GHz(1)
1.9GHz(1)
2.4GHz(1)
dB
-
-
-
22.1
22.4
22.3
-
-
-
-
0.09
-
Notes:
1. Measurements obtained from a test circuit described in Figure 34. Input and output matching components are tuned for consistent OIP3; while
keeping VSWR better than 2:1. Data obtained are minus board losses.
2. I) Output power level and frequency of two fundamental tones at 0.9GHz; F1 & F2 =-0.38dB; F1=0.905GHz and F2=0.915GHz
II) Output power level and frequency of two fundamental tones at 1.9GHz; F1 & F2 =5.49dB; F1=1.905GHz and F2=1.915GHz
III) Output power level and frequency of two fundamental tones at 2.4GHz; F1 & F2 =5dB; F1=2.405GHz and F2=2.415GHz
3. Standard deviation data are based on at least 500 pieces samples size taken from 2 wafer lots. Future wafers allocated to this product may have
nominal values anywhere between the upper and lower specification limits.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn