Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MGA-53589 Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part No. MGA-53589
Description  50MHz to 3GHz High Linear Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

MGA-53589 Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

 
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
MGA-53589 Typical Noise Parameters
Tc=25°C, Vd=5.0V, Id=52mA, Zo=50Ω
Freq
(GHz)
Fmin
(dB)
Γopt
Mag
Γopt
Ang
Rn/Z0
Ga
(dB)
0.5
1.121
0.137
-159.6
0.092
19.26
0.8
1.049
0.185
-157.2
0.076
18.6
0.9
1.07
0.207
-160.5
0.082
18.48
1
1.092
0.207
-154.4
0.082
18.36
1.5
1.152
0.238
-150.3
0.09
17.66
2
1.338
0.283
-143.4
0.094
16.87
2.5
1.521
0.332
-138.1
0.13
15.99
3
1.649
0.359
-120.4
0.142
14.98
3.5
1.675
0.4
-108.3
0.186
13.94
4
1.91
0.443
-94.7
0.284
12.86
4.5
1.935
0.488
-77.3
0.4
11.75
5
2.28
0.532
-70.6
0.54
10.65
5.5
2.496
0.597
-55.7
0.792
9.65
6
2.638
0.617
-42.7
1.098
8.57


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn