Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MGA-53589 Datasheet(PDF) 12 Page - AVAGO TECHNOLOGIES LIMITED

Part No. MGA-53589
Description  50MHz to 3GHz High Linear Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

MGA-53589 Datasheet(HTML) 12 Page - AVAGO TECHNOLOGIES LIMITED

 
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
MGA-53589 Typical Scatter Parameters
Tc=25°C, Vd=5.0V, Id=52mA, Zo=50Ω
Freq
GHz
S11
S11
S11
S21
S21
S21
S12
S12
S12
S22
S22
S22
K
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
dB
0.10
0.628
-70.2
-4.0
16.865
147.5
24.5
0.062
39.1
-24.1
0.539
-65.1
-5.4
0.462
0.20
0.420
-104.1
-7.5
12.092
141.2
21.6
0.075
21.4
-22.5
0.327
-101.4
-9.7
0.723
0.30
0.337
-124.2
-9.5
10.255
139.8
20.2
0.079
13.4
-22.1
0.233
-127.0
-12.6
0.867
0.40
0.297
-138.0
-10.5
9.388
138.1
19.5
0.080
8.8
-21.9
0.186
-149.4
-14.6
0.946
0.50
0.276
-148.4
-11.2
8.879
135.5
19.0
0.081
5.4
-21.8
0.162
-170.0
-15.8
0.992
0.60
0.238
-165.2
-12.5
8.530
132.4
18.6
0.082
3.0
-21.8
0.167
177.2
-15.5
1.029
0.70
0.231
-172.4
-12.7
8.279
128.8
18.4
0.082
0.8
-21.7
0.156
163.1
-16.1
1.047
0.80
0.227
-178.7
-12.9
8.063
124.8
18.1
0.082
-1.1
-21.7
0.149
150.1
-16.6
1.060
0.90
0.223
176.3
-13.0
7.871
120.6
17.9
0.083
-2.9
-21.7
0.143
136.5
-16.9
1.071
1.00
0.223
171.8
-13.0
7.690
116.3
17.7
0.083
-4.6
-21.6
0.140
124.3
-17.1
1.081
1.10
0.224
168.0
-13.0
7.513
111.9
17.5
0.083
-6.2
-21.6
0.139
111.9
-17.1
1.089
1.20
0.225
164.9
-13.0
7.338
107.4
17.3
0.083
-7.8
-21.6
0.142
100.5
-16.9
1.098
1.30
0.228
161.9
-12.8
7.165
102.9
17.1
0.083
-9.3
-21.6
0.147
89.5
-16.6
1.108
1.40
0.231
159.6
-12.7
6.989
98.4
16.9
0.083
-10.8
-21.6
0.155
79.8
-16.2
1.118
1.50
0.234
157.2
-12.6
6.816
94.0
16.7
0.083
-12.2
-21.6
0.161
70.4
-15.8
1.130
1.60
0.241
155.4
-12.3
6.654
89.4
16.5
0.083
-13.5
-21.7
0.171
62.7
-15.4
1.139
1.70
0.248
153.5
-12.1
6.484
84.9
16.2
0.082
-14.8
-21.7
0.180
55.3
-14.9
1.151
1.80
0.256
151.4
-11.8
6.311
80.5
16.0
0.082
-16.1
-21.7
0.191
49.2
-14.4
1.164
1.90
0.265
149.2
-11.5
6.140
76.1
15.8
0.082
-17.5
-21.8
0.202
43.4
-13.9
1.177
2.00
0.273
147.0
-11.3
5.969
71.7
15.5
0.081
-18.6
-21.8
0.213
38.0
-13.4
1.192
2.10
0.281
144.8
-11.0
5.795
67.4
15.3
0.081
-19.7
-21.9
0.222
33.1
-13.1
1.210
2.20
0.287
143.0
-10.9
5.619
63.3
15.0
0.080
-20.6
-21.9
0.228
28.8
-12.9
1.233
2.30
0.298
142.1
-10.5
5.481
59.4
14.8
0.080
-21.4
-21.9
0.235
26.7
-12.6
1.243
2.40
0.315
139.7
-10.0
5.353
55.3
14.6
0.080
-22.7
-22.0
0.248
24.0
-12.1
1.256
2.50
0.323
136.8
-9.8
5.206
51.1
14.3
0.080
-23.7
-22.0
0.258
20.0
-11.8
1.268
3.00
0.357
124.2
-9.0
4.511
30.9
13.1
0.078
-28.4
-22.1
0.278
5.5
-11.1
1.376
3.50
0.368
116.6
-8.7
3.794
11.3
11.6
0.076
-32.7
-22.4
0.268
-0.5
-11.4
1.614
4.00
0.530
103.8
-5.5
3.236
-5.1
10.2
0.076
-34.9
-22.4
0.209
-10.6
-13.6
1.595
5.00
0.571
63.1
-4.9
2.286
-40.0
7.2
0.077
-45.9
-22.3
0.175
24.2
-15.2
2.041
6.00
0.678
46.8
-3.4
1.558
-65.1
3.9
0.080
-55.1
-21.9
0.272
38.6
-11.3
2.236
7.00
0.756
37.5
-2.4
1.227
-84.5
1.8
0.084
-64.4
-21.5
0.289
38.6
-10.8
2.115
8.00
0.799
20.7
-2.0
0.915
-109.0
-0.8
0.084
-82.2
-21.5
0.394
30.6
-8.1
2.180
9.00
0.756
2.9
-2.4
0.663
-129.8
-3.6
0.075
-101.9
-22.4
0.498
20.5
-6.0
3.337
10.00
0.736
-11.4
-2.7
0.495
-145.2
-6.1
0.072
-115.8
-22.9
0.585
10.4
-4.7
4.346
11.00
0.664
-22.0
-3.6
0.360
-158.7
-8.9
0.044
-138.6
-27.1
0.664
3.5
-3.6
9.838
12.00
0.793
-28.2
-2.0
0.327
-172.5
-9.7
0.052
-160.3
-25.8
0.708
-1.6
-3.0
5.181
13.00
0.788
-29.9
-2.1
0.324
174.5
-9.8
0.053
-176.8
-25.5
0.717
-8.5
-2.9
4.923
14.00
0.736
-38.9
-2.7
0.280
159.5
-11.0
0.050
175.5
-26.0
0.703
-17.4
-3.1
7.852
15.00
0.662
-52.4
-3.6
0.278
146.5
-11.1
0.071
165.3
-22.9
0.713
-24.6
-2.9
6.562
16.00
0.602
-81.7
-4.4
0.280
125.1
-11.0
0.091
139.7
-20.8
0.731
-31.5
-2.7
5.383
17.00
0.500
-54.4
-6.0
0.322
125.1
-9.8
0.125
139.5
-18.0
0.771
-34.0
-2.3
3.401
18.00
0.501
-78.9
-6.0
0.383
100.4
-8.3
0.176
116.0
-15.1
0.732
-37.1
-2.7
2.290
19.00
0.307
-96.0
-10.3
0.409
77.7
-7.8
0.207
93.1
-13.7
0.659
-45.3
-3.6
2.925
20.00
0.073
-47.1
-22.7
0.389
54.2
-8.2
0.225
71.5
-12.9
0.499
-55.0
-6.0
4.325


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn