Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MGA-53589 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part No. MGA-53589
Description  50MHz to 3GHz High Linear Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

MGA-53589 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Circuit description (for Max OIP3)
Bill of Materials
Circuit Symbol
Size
Description
For 0.9GHz (4)
For 1.9GHz (5)
L1
0402
27nH
Toko
12nH
Toko
C1
0402
10pF
Kyocera
3.3pF
Murata
L2
0402
33nH
Toko
4.7nH
Toko
C2
0402
5.1pF
Murata
1.8pF
Kyocera
L3
0402
NA
Not in use
12nH
Toko
C3
0402
150pF
Murata
150pF
Murata
C4
0402
0.1uF
Murata
0.1uF
Murata
R1
0402
0ohm
Koa
0ohm
Koa
Input Matching Circuit
4.
Γ_mag = 0.05, Γ_ang = -137.18°
5.
Γ_mag = 0.178, Γ_ang = -108.78°
Output Matching Circuit
4.
Γ_mag = 0.233, Γ_ang = -55.15°
5.
Γ_mag = 0.201, Γ_ang = 24.68°
Figure 35. Demoboard and application circuit components table for max OIP3
Parameters
Tested at 25°C on Max OIP3 tuned Demoboard
Unit of measurement
900MHz (4)
1900MHz (5)
OIP3
40.9
39.6
dBm
NF
1.26
1.47
dB
Gain
17.5
15.9
dB
P1dB
18.6
18.4
dBm
PAE
25.0
27.0
%
Rlin
-15.3
-13.3
dB
Rlout
-12.1
-17.1
dB
Isolation
-22.2
-22.2
dB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn